Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/R Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/R Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
50
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
RHPVOL
[6:0]
1111001
( 0dB )
Right Channel Headphone Output
Volume Control
1111111 = +6dB
. . 1dB steps down to
0110000 = -73dB
0000000 to 0101111 = MUTE
7
RZCEN
0
Right Channel Zero Cross detect
Enable
1 = Enable
0 = Disable
0000011
Right
Headphone Out
8
RLHPBOTH
0
Right to Left Channel Headphone
Volume, Mute and Zero Cross Data
Load Control
1 = Enable Simultaneous Load of
RHPVOL[6:0] and RZCEN to
LHPVOL[6:0] and LZCEN
0 = Disable Simultaneous Load
0
MICBOOST
0
Microphone Input Level Boost
1 = Enable Boost
0 = Disable Boost
1
MUTEMIC
1
Mic Input Mute to ADC
1 = Enable Mute
0 = Disable Mute
2
INSEL
0
Microphone/Line Input Select to ADC
1 = Microphone Input Select to ADC
0 = Line Input Select to ADC
3
BYPASS
1
Bypass Switch
1 = Enable Bypass
0 = Disable Bypass
4
DACSEL
0
DAC Select
1 =Select DAC
0 = Don’t select DAC
5
SIDETONE
0
Side Tone Switch
1 = Enable Side Tone
0 = Disable Side Tone
0000100
Analogue Audio
Path Control
7:6
SIDEATT[1:0]
00
Side Tone Attenuation
11 = -15dB
10 = -12dB
01 = -9dB
00 = -6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com