Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/R Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/R Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ADCHPD
0
ADC High Pass Filter Enable
1 = Disable High Pass Filter
0 = Enable High Pass Filter
2:1
DEEMP[1:0]
00
De-emphasis Control
11 = 48kHz
10 = 44.1kHz
01 = 32kHz
00 = Disable
3
DACMU
1
DAC Soft Mute Control
1 = Enable soft mute
0 = Disable soft mute
0000101
Digital Audio
Path Control
4
HPOR
0
Store dc offset when High Pass Filter
disabled
1 = store offset
0 = clear offset
0
LINEINPD
1
Line Input Power Down
1 = Enable Power Down
0 = Disable Power Down
1
MICPD
1
Microphone Input an Bias Power
Down
1 = Enable Power Down
0 = Disable Power Down
2
ADCPD
1
ADC Power Down
1 = Enable Power Down
0 = Disable Power Down
3
DACPD
1
DAC Power Down
1 = Enable Power Down
0 = Disable Power Down
4
OUTPD
1
Outputs Power Down
1 = Enable Power Down
0 = Disable Power Down
5
OSCPD
0
Oscillator Power Down
1 = Enable Power Down
0 = Disable Power Down
6
CLKOUTPD
0
CLKOUT power down
1 = Enable Power Down
0 = Disable Power Down
0000110
Power Down
Control
7
POWEROFF
1
POWEROFF mode
1 = Enable POWEROFF
0 = Disable POWEROFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com