Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/R Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/R Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode, frame sync + 2 data
packed words
10 = I
2S Format, MSB-First left-1
justified
01 = MSB-First, left justified
00 = MSB-First, right justified
3:2
IWL[1:0]
10
Input Audio Data Bit Length Select
11 = 32 bits
10 = 24 bits
01 = 20 bits
00 = 16 bits
4
LRP
0
DACLRC phase control (in left, right
or I
2S modes)
1 = Right Channel DAC data when
DACLRC high
0 = Right Channel DAC data when
DACLRC low
(opposite phasing in I
2S mode)
or
DSP mode A/B select (in DSP mode
only)
1 = MSB is available on 2nd BCLK
rising edge after DACLRC rising edge
0 = MSB is available on 1st BCLK
rising edge after DACLRC rising edge
5
LRSWAP
0
DAC Left Right Clock Swap
1 = Right Channel DAC Data Left
0 = Right Channel DAC Data Right
6
MS
0
Master Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
0000111
Digital Audio
Interface
Format
7
BCLKINV
0
Bit Clock Invert
1 = Invert BCLK
0 = Don’t invert BCLK
0
USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
Base Over-Sampling Rate
1
BOSR
0
USB Mode
0 = 250fs
1 = 272fs
Normal Mode
0 = 256fs
1 = 384fs
5:2
SR[3:0]
0000
ADC and DAC sample rate control;
See USB Mode and Normal Mode
Sample Rate sections for operation
6
CLKIDIV2
0
Core Clock divider select
1 = Core Clock is MCLK divided by 2
0 = Core Clock is MCLK
0001000
Sampling
Control
7
CLKODIV2
0
CLKOUT divider select
1 = CLOCKOUT is Core Clock
divided by 2
0 = CLOCKOUT is Core Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com