Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/R Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/R Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.3 August 2006
53
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
Active Control
0
ACTIVE
0
Activate Interface
1 = Active
0 = Inactive
0001111
Reset Register
8:0
RESET
not reset
Reset Register
Writing 00000000 to register resets
device
Table 30 Register Map Description
DIGITAL FILTER CHARACTERISTICS
The ADC and DAC employ different digital filters. There are 4 types of digital filter, called Type 0, 1, 2
and 3. The performance of Types 0 and 1 is listed in the table below, the responses of all filters is
shown in the proceeding pages.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter Type 0 (USB Mode, 250fs operation)
+/- 0.05dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-60
dB
ADC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.05dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-60
dB
-3dB
3.7
-0.5dB
10.4
High Pass Filter Corner
Frequency
-0.1dB
21.6
Hz
DAC Filter Type 0 (USB mode, 250fs operation)
+/- 0.03dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/-0.03
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-50
dB
DAC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.03dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.03
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-50
dB
Table 31 Digital Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com