Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8731SEDS/R Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8731SEDS/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731SEDS/R Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8731SEDS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8731SEDS/R Datasheet HTML 63Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
WM8731 / WM8731L
Production Data
w
PD Rev 4.2 November 2005
62
PACKAGE DIMENSIONS - QFN
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP. DIMENSION L1 REPRESENTS TERMINAL PULL BACK FROM
PACKAGE SIDE WALL. MAXIMUM OF 0.1mm IS ACCEPTABLE. WHERE TERMINAL PULL BACK EXISTS, ONLY UPPER HALF OF LEAD IS VISIBLE ON PACKAGE SIDE WALL DUE TO HALF
ETCHING OF LEADFRAME.
2. FALLS WITHIN JEDEC, MO-220 WITH THE EXCEPTION OF D2, E2:
D2,E2: LARGER PAD SIZE CHOSEN WHICH IS JUST OUTSIDE JEDEC SPECIFICATION
3. ALL DIMENSIONS ARE IN MILLIMETRES
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
5. SHAPE AND SIZE OF CORNER TIE BAR MAY VARY WITH PACKAGE TERMINAL COUNT. CORNER TIE BAR IS CONNECTED TO EXPOSED PAD INTERNALLY
6. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
DM023.F
FL: 28 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm LEAD PITCH
C
aaa
INDEX AREA
(D/2 X E/2)
C
aaa
2 X
2 X
TOP VIEW
D
E
C
0.08
C
ccc
A
A1
C
(A3)
SEATING PLANE
1
14
13
b
15
L
D2/2
D2
E2
E2/2
SEE DETAIL B
B
C
ccc M
A
B
B
A
A
27
28
1
2
7
8
21
22
e
5
CORNER
TIE BAR
DETAIL A
B
C
bbb M
A
28x b
L1
1
1
5
CORNER
TIE BAR
0.1
5
DETAIL B
SEE DETAIL A
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
A1
A3
b
D
D2
E
E2
e
L
L1
R
0.85
0.90
1.00
0.05
0.02
0
0.2 REF
0.30
0.23
0.18
5.00 BSC
3.4
3.3
3.2
5.00 BSC
0.5 BSC
3.3
3.4
3.2
0.35
0.4
0.45
0.1
b(min)/2
1
2
2
1
K
0.20
aaa
bbb
ccc
REF:
0.15
0.10
0.10
JEDEC, MO-220, VARIATION VKKD-2
Tolerances of Form and Position
EXPOSED
GROUND
PADDLE
EXPOSED
GROUND
PADDLE
6
BOTTOM VIEW
SIDE VIEW
0.210mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com