Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
85
REGISTER MAP
R e g
N a m e
15
14
13
12
11
10
9
8
765432
1
0
D e f a ult
Reset
0
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6174h
Speaker Volume
M UL
ZCL
M UR
ZCR
8080h
Headphone V olume
M UL
ZCL
M UR
ZCR
8080h
OUT3/ 4 Vo lume
M U4
ZC4
M U3
ZC3
8080h
M ONO V ol & M ONOIN PGA Vol
/ Routing
M 2H
M 2S
0
M U
ZC
C880h
LINEIN PGA Volume / Rout ing
L2H
L2S
L2M
0
0
0
E808h
DAC PGA Volume / Rout ing
D2H
D2S
D2M
0
0
0
E808h
M IC PGA V olume
0
0
0
0
0
0
0808h
M IC Rout ing
000000
00
M A2M
M B 2M M IC2M
BST
00DAh
Reco rd PGA Volume
RM U
GRL
ZC
GRR
8000h
Reco rd Rout ing / M ux Select
R2M
BST
0REC
BST
D600h
PCBEEP Volume / Rout ing
B2H
B2S
B 2M
0
0
0
0
A AA0h
VxDAC Volume / Rout ing
V2H
V2S
V 2M
0
0
0
0
A AA0h
AUXDAC V olume / Routing
A2H
A2S
A 2M
0
0
0
0
A AA0h
Output PGA M ux Select
0000h
DAC 3D Control & INV M ux
Select
0000
3DLC
3DUC
0000h
DAC Tone Cont rol
BB
0
0
B C
0
DAT
0
TC
0F0Fh
M IC Input Select & Bias / Det ect
Ctrl
MB OP
2EN
MBOP1
EN
MB VO
L
0040h
Output Volume M apping (Jack
Insert )
000000
00000
JIEN
0000h
Powerdown Ct rl/ Stat
0
PR6
PR5
PR4
PR3
PR2
PR1
PR0
0000
REF
ANL
DA C
ADC
7F00h
Ext ended Audio ID
ID1
ID0
0
0
REV1
REV0
A M A P
LDAC
SDAC
CDA C
0
0
VRM
SPDIF
DRA
VRA
0405h
Ext 'd Audio St at / Ct rl
00000
SPCV
0000
0
SEN
0
VRA
0410h
Audio DACs Sample Rate
B B80h
AUXDAC Sample Rat e
B B80h
Audio ADCs Sample Rate
B B80h
PCM codec control
CTRL
0
VDAC
OSR
CP
FSP
4523h
SPDIF cont rol
V
DRS
L
PRE
COPY
AUD IB
PRO
2000h
Powerdown (1)
PA DCP
D
VM ID
1M
TSHUT
VX DA
C
AUXD
AC
VREF
PLL
1
DACL
DACR
ADCL
ADCR
HPLX
HPRX
SPKX
M X
FDFFh
Powerdown (2)
M CD
M IC
BIAS
M ONO
OUT4
OUT3
HPL
HPR
SPKL
SPKR
LL
LR
M OIN
M A
M B
M PA
M PB
FFFFh
General Purpose
0
0
3DE
000
00
LB
00000
00
0000h
Fast Power-Up Control
000000
000
M ONO
SPKL
SPKR
HPL
HPR
OUT3
OUT4
0000h
M CLK / PLL Cont rol
0
CLKSR
C
0
CLKBX
2
CLKA X
2
CLKM U
X
0080h
M CLK / PLL Cont rol
LF
SDM
DIVSEL DIVCTL
0
0000h
GPIO Pin Configurat ion
11111
11
GC8
GC7
GC6
GC5
GC4
GC3
GC2
GC1
0
FFFEh
GPIO Pin Polarit y / Type
C1P
C2P
PP
AP
TP
SP
M P
GP8
GP7
GP6
GP5
GP4
GP3
GP2
GP1
1
FFFFh
GPIO Pin Sticky
C1S
C2S
PS
AS
TS
SS
M S
GS8
GS7
GS6
GS5
GS4
GS3
GS2
GS1
0
0000h
GPIO Pin Wake-Up
C1W
C2W
PW
AW
TW
SW
M W
GW8
GW7
GW6
GW5
GW4
GW3
GW2
GW1
0
0000h
GPIO Pin Stat us
C1I
C2I
PI
AI
TI
SI
M I
GI8
GI7
GI6
GI5
GI4
GI3
GI2
GI1
0
GPIO pins
GPIO Pin Sharing
11111
11
GE8
GE7
GE6
GE5
GE4
GE3
GE2
1
0
FFFEh
GPIO Pull UP/ DOWN Ct rl
PU8
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
4000h
Addit ional Funct ions (1)
0
0
0
0
RSTDIS
WAKEE
N
IRQ
INV
0000h
Addit ional Funct ions (2)
AMUTE
C1REF
C2 REF
0
AM EN
ADCO
HPF
0
0000h
ALC Cont rol
B032h
ALC / Noise Gate Cont rol
0
NGA T
0
NGG
3E00h
AUXDAC input cont rol
XSLE
0000h
Digitiser Reg 1
000000
POLL
CTC
COO
0000h
Digitiser Reg 2
000000
SLEN
0006h
Digitiser Reg 3
RPR
45W
PDEN
PDPOL
WAIT
PIL
0001h
Digitiser Read Back
PNDN
0000h
Vend or ID1
574Dh
Vend or ID2
4C13h
PENDIV
DCDRVSEL
EARSPKSEL
M ODE
DIV
SEL
WL
FM T
SPSR
CC (Cat egory Code)
7Eh
ASCII charact er “ L”
Device Identifier
AUXDA CSLT
AUXDA C VA L
ADCSEL
7A h
ADCSRC
A DCD (TOUCHPA NEL ADC Y DA TA)
7Ch
A SCII charact er “ W”
A SCII charact er “ M ”
DEL
SLT
78h
PRP
M SK
RPU
74h
76h
CR
64h
ASS
60h
6 2h
ALCSEL
M AX GAIN
ZCTIM EOUT
NGTH (threshold)
ALCL (t arget level)
HLD (hold t ime)
5Ch
C1SRC
C2SRC
V BIA S
58h
5A h
COM P2DEL
Die Revision
HPM ODE
JSEL
50h
52h
54h
56h
4Ch
4Eh
40h
42h
44h
46h
3Ch
3Eh
36h
3Ah
2Eh
AUXDACSR (Auxiliary DAC Sample Rate)
32h
ADCSR (Audio ADCs Sample Rat e)
2Ah
SPSA
2Ch
DA CSR (Audio DA Cs Sample Rat e)
24h
26h
DCY (decay time)
ATK (at tack t ime)
N[3:0]
PGADDR
PGDA TA
SEXT[6 :4]
SEXT[3:0]
28h
20h
BA SS
TRBL
2 2h
M ICCM PSEL
M PA SEL
M PA BST
M PBBST
M CDTHR
M CDSCTHR
1Eh
INVA
INV B
3DDEPTH
HPL
HPR
OUT3
OUT4
1Ch
M ONO
SPKL
SPKR
1A h
A2HV OL
A2SVOL
A2M VOL
18h
V2HV OL
V2SVOL
V2M VOL
RECSL
RECSR
16h
B2HV OL
B2SVOL
B2M VOL
14h
R2H
R2 HVOL
R2M
10h
MIC2H
M IC2HVOL
12h
(Ext ended)
RECVOLL
(Ext ended )
RECVOLR
0Ch
DACLV OL
DACRVOL
0Eh
MICAV OL
M ICBV OL
08h
M ONOINVOL
M ONOV OL
0Ah
LINELV OL
LINERVOL
06h
OUT4VOL
OUT3VOL
04h
HPLVOL
HPRV OL
00h
02h
SPKLVOL
SPKRVOL
Table 68 WM9713L Register Map
Note:
Register 46h provides access to a sub-page address system to set the SPLL[6:0] and K[21:0] register bits (see Table 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com