Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
19
PLL REGISTER PAGE ADDRESS MAPPING
The clock division control bits SPLL[6:0] and the PLL fractional N division bits are accessed through
register 46h using a sub-page address system. The 3 bit pager address allows 8 blocks of 4 bit data
words to be accessed whilst the register address is set to 46h. This means that when register
address 46h is selected a further 7 cycles of programming are required to set all of the page data
bits. Control bit allocation for these page addresses is described in Table 6.
PAGE
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
111
31:28
SPLL[6:4]
0h
110
27:24
SPLL[3:0]
0h
Clock division control bus SPLL[6:0]. Clock
divider reads this control word if PLL is
enabled. Bits [6:4] and [3:0] have the same
functionality as
44h [14:12] and [11:8]
respectively
23:22
Reserved
0h
Reserved bits
101
21:20
0h
100
19:16
0h
011
15:12
0h
010
11:8
0h
001
7:4
0h
000
3:0
K[21:0]
0h
Sigma Delta Modulator control word for
fractional N division. Division resolution is
1/22
2
Table 6 Pager Control Bit Allocation
Powerdown for the PLL and internal clocks is via registers 26h and 3Ch (see Table 7).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
26h
13
PR5
1 (Off)
Internal clock disable (active high)
3Ch
9
PLL
1 (Off)
PLL powerdown (active high)
N.B. both PR5 and PLL must be asserted low before PLL is enabled
Table 7 PLL Powerdown Control
DIGITAL INTERFACES
The WM9713L has two interfaces, a data and control AC’97 interface and a data only PCM interface.
The AC’97 interface is available through dedicated pins (SDATAOUT, SDATAIN, SYNC, BITCLK and
RESETB) and is the sole control interface with access to all data streams on the device except for
the Voice DAC. The PCM interface is available through the GPIO pins (PCMCLK, PCMFS, PCMDAC
and PCMADC) and provides access to the Voice DAC. It can also transmit the data from the Stereo
ADC. This can be useful, for example, to allow both sides of a phone conversation to be recorded by
mixing the transmit and receive paths on one of the ADC channels and transmitting it over the PCM
interface.
AC97 INTERFACE
INTERFACE PROTOCOL
The WM9713L uses an AC’97 interface for both data transfer and control. The AC-Link has 5 wires:
•
SDATAIN (pin 8) carries data from the WM9713L to the controller
•
SDATAOUT (pin 5) carries data from the controller to the WM9713L
•
BITCLK (pin 6) is a clock, derived from either MCLKA or MCLKB inputs and
supplied to the controller.
•
SYNC is a synchronization signal generated by the controller and passed to the
WM9713L
•
RESETB resets the WM9713L to its default state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com