Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
11
DIGITAL INTERFACE CHARACTERISTICS
Test Conditions
DBVDD = 3.3V, DCVDD = 3.3V, TA = +25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (all digital input or output pins) – CMOS Levels
Input HIGH level
VIH
DBVDD
×0.7
V
Input LOW level
VIL
DBVDD
×0.3
V
Output HIGH level
VOH
source current = 2mA
DBVDD
×0.9
Output LOW level
VOL
sink current = 2mA
DBVDD
×0.1
Clock Frequency
Master clock (MCLKA pin)
24.576
MHz
AC’97 bit clock (BIT_CLK pin)
12.288
MHz
AC’97 sync pulse (SYNC pin)
48
kHz
Note:
1.
All audio and non-audio sample rates and other timing scales proportionately with the master clock.
2.
For signal timing on the AC-Link, please refer to the AC’97 specification (Revision 2.2)
POWER CONSUMPTION
The power consumption of the WM9713L depends on the following factors:
•
Supply voltages: Reducing the supply voltages also reduces digital supply currents, end therefore results in
significant power savings especially in the digital sections of the WM9713L.
•
Operating mode: Significant power savings can be achieved by always disabling parts of the WM9713L that are
not used (e.g. audio ADC, DAC, touchpanel digitiser).
•
Sample rates: Running at lower sample rates will reduce power consumption significantly. The figures below are
for 48kHz (unless otherwise specified), but in many scenarios it is not necessary to run at this frequency, e.g.
8kHz PCM voice call scenario uses only 11.4mW (see below).
MODE DESCRIPTION
AVDD
Supply
Current
V / mA
DCVDD
Supply
Current
V / mA
DBVDD
Supply
Current
V / mA
Total
Power
(mW)
Off (lowest possible power)
Clocks stopped. This is the default configuration after power-up.
3.3
0.01
3.3
0
3.3
0.005
0.05
LPS (Low Power Standby)
VREF maintained using 1MOhm string
3.3
0.014
3.3
0
3.3
0.005
0.06
Touchpanel only (waiting for pen-down)
3.3
0.042
3.3
0
3.3
0.005
0.15
PCM Voice call (fs=8kHz)
2.8
2.37
2.8
1.7
2.8
0.006
11.4
Record from mono microphone
3.3
3.644
3.3 10.973 3.3
2.974
58.05
Stereo DAC Playback (AC link to headphone)
3.3
3.733
3.3
9.720
3.3
2.789
53.60
Stereo DAC Playback (AC link to headphone)
PLL running with 13MHz input to MCLKB
3.3
4.801
3.3 10.504 3.3
2.814
59.79
Maximum Power - everything on
3.3 13.656 3.3 15.472 3.3
2.938 105.82
Table 1 Supply Current Consumption
Notes:
1.
Unless otherwise specified, all figures are at TA = +25C, audio sample rate fs = 48kHz, with zero signal (quiescent), and
voltage references settled.
2.
The power dissipated in the headphone, speaker and touchpanel is not included in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com