Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
WM9713L
Pre-Production
w
PP Rev 3.0 June 2006
14
CLOCK GENERATION
WM9713L supports clocking from 2 separate sources, which can be selected via the AC’97 interface:
•
External clock input MCLKA
•
External clock input MCLKB
The source clock is divided to appropriate frequencies in order to run the AC’97 interface, PCM
interface, voice DAC and Hi-fi DSP by means of a programmable divider block. Clock rates may be
changed during operation via the AC’97 link in order to support alternative modes, for example low
power mode when voice data is being transmitted only. A PLL is present to add flexibility in selection
of input clock frequencies, typical choices being 2.048MHz, 4.096MHz or 13MHz.
Default mode on power-up assumes a clock will be present on MCLKA with the PLL powered down.
This enables data to be clocked via the AC’97 link to define the desired clock divider mode and
whether PLL needs to be activated.
Note: This clock can be any available frequency.
When muxing between MCLKA and MCLKB both clocks must be active for at least two clock cycles
after the switching event.
CLOCK DIVISION MODES
Figure 2 shows the clocking strategy for WM9713L. Clocking is controlled by CLK_MUX, CLK_SRC
and S[6:0].
•
CLKAX2, CLKBX2 – clock doublers on inputs MCLKA and MCLKB.
•
CLK_MUX - selects between MCLKA and MCLKB.
•
CLK_SRC – selects between external or PLL derived clock reference.
•
S[3:0] – sets the voice DAC clock rate and PCM interface clock when in master mode
(division ratio 1 to 16 available).
•
S[6:4] - sets the hi-fi clocking rate (division ratio 1 to 8 available).
The registers used to set these switches can be accessed from register address 44h (see Table 2).
If a mode change requires switching from an external clock to a PLL generated clock then it is
recommended to set the clock division ratios required for the PLL clock scheme prior to switching
between clocks. This option is accommodated by means of two sets of registers. SPLL[6:0] is used to
set the divide ratio of the clock when in PLL mode and SEXT[6:0] is used to divide the clock when it is
derived from an external source. If the PLL is selected (CLK_SRC = 0), S[6:0] = SPLL[6:0]. SPLL[6:0]
is defined in register 46h (see Table 4) and is written to using the page address mode. More details
on page address mode for controlling the PLL are found on page 20. Register 46h also contains a
number of separate control bits relating to the PLL’s function. If an external clock is selected
(CLK_SRC = 1) S[6:0] = SEXT[6:0]. SEXT[6:0] is defined in register address 44h. Writing to registers
44h and 46h enables pre-programming of the required clock mode before the PLL output is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com