Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9713LGEFL/V Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
WM9713L
Pre-Production
w
PP Rev 3.0 June 2006
18
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15:12
N[3:0]
0000
PLL integer division control (must be set
between 05h and 0Ch for integer N mode)
11
LF
0 = off
Allows PLL operation with low frequency
input clocks (< 8.192MHz)
10
SDM
0 = off
Sigma Delta Modulator enable. Allows
fractional N division
9
DIVSEL
0 = off
Enables input clock to PLL to be divided by
2 or 4. Use if input clock is above 14.4MHz
8
DIVCTL
0
Controls division mode when DIVSEL is
high. 0 = div by 2, 1= div by 4.
6:4
PGADDR
000
Pager address bits to access programming
of K[21:0] and SPLL[6:0]
46h
3:0
PGDATA
0000
Pager data bits
Table 4 PLL Clock Control
INTEGER N MODE
The nominal output frequency of the PLL (PLL_OUT) is 98.304MHz which is divided by 4 to achieve
a nominal system clock of 24.576MHz.
The integer division ratio (N) is determined by: FPLL_out / FPLL_IN , and is set by N[3:0] and must be in
the range 5 to 12 for integer N operation (0101 = div by 5, 1100 = div by 12). Note that setting LF=1
enables a further division by 4 required for input frequencies in the range 2.048MHz – 4.096MHz.
Integer N mode is selected by setting SDM=0.
FRACTIONAL N MODE
Fractional N mode provides a divide resolution of 1/2
22 and is set by K[21:0] (register 46h, see
section). The relationship between the required division X, the fractional division K[21:0] and the
integer division N[3:0] is:
()
N
X
K
−
= 22
2
where 0 < (X – N) < 1 and K is rounded to the nearest whole number.
For example, if the PLL_IN clock is 13MHz and the desired PLL_OUT clock is 98.304MHz then the
desired division, X, is 7.5618. So N[3:0] will be 7h and K[21:0] will be 23F488h to produce the desired
98.304MHz clock (see Table 5).
INPUT CLOCK (PLL_IN)
DESIRED
PLL
OUTPUT
(PLL_OUT)
DIVISION
REQUIRED
(X)
FRACTIONAL
DIVISION (K)
INTEGER
DIVISION (N)
2.048MHz
98.304MHz
48
0
12x4*
4.096MHz
98.304MHz
24
0
6x4*
12.288MHz
98.304MHz
8
0
8
13MHz
98.304MHz
7.5618
0.5618
7
27MHz (13.5MHz)**
98.304MHz
7.2818
0.2818
7
*Divide by 4 enabled in PLL feedback path for low frequency inputs. (LF = 1)
**Divide by 2 enabled at PLL input for frequencies > 14.4MHz > 38MHz (DIVSEL = 1, DIVCTL = 0)
Table 5 PLL Modes of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com