Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 86Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 87Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 88Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 89Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 90Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 91Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 92Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 241 page
background image
90
4341F–MP3–03/06
AT8xC51SND2C/MP3B
15.1.7
Digital Mixer Control
The Audio DAC features a digital mixer that allows the mixing and selection of multiple input
sources.
The mixing / multiplexing functions are described in the following table according with the next
figure:
Figure 15-9.
Mixing / Multiplexing functions
Note:
Whenever the two mixer inputs are selected, a –6 dB gain is applied to the output signal. When-
ever only one input is selected, no gain is applied.
Note:
Refer to DAC_MC register Table 15-20. for signal description
15.1.8
Master Clock and Sampling Frequency Selection
The following table describes the different modes available for master clock and sampling fre-
quency selection by setting OVRSEL bit in DAC_CSFC register (refer to Table 15-21.).
Table 15-7.
Master Clock selection
The selection of input sample size is done using the NBITS 1:0 in DAC_MISC register (refer to
Table 15-22.) according to Table 15-8.
Table 15-8.
Input Sample Size Selection
Signal
Description
LMSMIN1
Left Channel Mono/Stereo Mixer Left Mixed input enable – High to enable, Low to disable
LMSMIN2
Left Channel Mono/Stereo Mixer Right Mixed input enable – High to enable, Low to disable
RMSMIN1
Right Channel Mono/Stereo Mixer Left Mixed input enable – High to enable, Low to disable
RMSMIN2
Right Channel Mono/Stereo Mixer Right Mixed input enable – High to enable, Low to disable
Volume
Control
Volume
Control
Volume
Control
Volume
Control
+
+
1
2
2
1
Left channel
Right channel
From digital
filters
To DACs
OVRSEL
Master Clock
0256 x FS
1384 x FS
NBITS 1:0
Format
00
16 bits
01
18 bits
10
20 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com