Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 42Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 43Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 44Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 45Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 46Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 47Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 48Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 49Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 241 page
background image
46
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 9-9.
IPL1 Register
IPL1 (S:B2h) – Interrupt Priority Low Register 1
Reset Value = 0000 0000b
76
543
210
-
IPLUSB
-
IPLKB
-
IPLSPI
IPLI2C
IPLMMC
Bit Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is always 0. Do not set this bit.
6IPLUSB
USB Interrupt Priority Level LSB
Refer to Table 9-2 for priority level description.
5-
Reserved
The value read from this bit is always 0. Do not set this bit.
4
IPLKB
Keyboard Interrupt Priority Level LSB
Refer to Table 9-2 for priority level description.
3
IPLADC
A to D Converter Interrupt Priority Level LSB
Refer to Table 9-2 for priority level description.
2
IPLSPI
SPI Interrupt Priority Level LSB
Refer to Table 9-2 for priority level description.
1IPLI2C
Two Wire Controller Interrupt Priority Level LSB
Refer to Table 9-2 for priority level description.
0
IPLMMC
MMC Interrupt Priority Level LSB
Refer to Table 9-2 for priority level description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com