Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 100Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 241 page
background image
97
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 15-23.
DAC Precharge Control Register - DAC_ PRECH (0Ch)
Reset Value = 00000000b
Table 15-24.
DAC Auxilary input gain Register - DAC_ AUXG (0Dh)l
Reset Value = 0000101b
765
432
10
PRCHARGE
PADRV
-
PRCHARGE
AUXIN
-
PRCHARGE
LNOR
PRCHARGE
LNOL
PRCHARGE
LNIL
PRCHARGE
LNIL
PRCHARGE
ONMSTR
Bit
Number
Bit
Mnemonic
Description
7
PRCHARGEPADR
V
Differential mono PA driver pre-charge.
Set to charge.
6
PRCHARGEAUXIN
Differential mono auxiliary input pre-charge.
Set to charge.
5
PRCHARGELNOR
Right channel line out pre-charge.
Set to charge.
4
PRCHARGELNOL
Left channel line out pre-charge.
Set to charge.
3
PRCHARGELNIR
Right channel line in pre-charge.
Set to charge.
2
PRCHARGELNIL
Left channel line in pre-charge
Set to charge.
1
PRCHARGE
Master pre-charge
Set to charge.
0ONMSTR
Master power on control
Clear to power down. Set to to power up.
765
432
10
-
-
-
AUXG4
AUXG3
AUXG2
AUXG1
AUXG0
Bit
Number
Bit Mnemonic
Description
7:5
-
Not used
4:0
AUXG 4:0
Differential mono auxiliary input analog gain selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com