Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 16Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 17Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 18Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 19Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 20Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 241 page
background image
19
4341F–MP3–03/06
AT8xC51SND2C/MP3B
6.1
ROM Memory Architecture
As shown in Figure 6-2 the AT83SND2C ROM memory is composed of one space detailed in
the following paragraph.
Figure 6-2.
AT83SND2C Memory Architecture
6.1.1
User Space
This space is composed of a 64K Bytes ROM memory programmed during the manufacturing
process. It contains the user’s application code.
6.2
Flash Memory Architecture
As shown in Figure 6-3 the AT89C51SND2C Flash memory is composed of four spaces detailed
in the following paragraphs.
Figure 6-3.
AT89C51SND2C Memory Architecture
6.2.1
User Space
This space is composed of a 64K Bytes Flash memory organized in 512 pages of 128 Bytes. It
contains the user’s application code.
This space can be read or written by both software and hardware modes.
6.2.2
Boot Space
This space is composed of a 4K Bytes Flash memory. It contains the boot loader for In-System
Programming and the routines for In Application Programming.
This space can only be read or written by hardware mode using a parallel programming tool.
FFFFh
64K Bytes
ROM Memory
0000h
User
FFFFh
64K Bytes
Flash Memory
0000h
Hardware Security
User
4K Bytes
Flash Memory
FFFFh
F000h
Boot
Extra Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com