Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 91Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 92Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 93Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 94Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 241 page
background image
95
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Table 15-19.
DAC Output Level Control Register - DAC_OLC (07h)
Reset Value = 00100010b
Table 15-20.
Dac Mixer Control Register - DAC_MC (08h)
Reset Value = 00001001b
765
432
10
RSHORT
ROLC2
RLOC1
RLOC0
LSHORT
LOLC2
LOLC1
LOLC0
Bit
Number
Bit Mnemonic
Description
7RSHORT
Right channel short circuit indicator (persistent; after being set, bit is not cleared
automatically even after the short circuit is eliminated; must be cleared by reset
cycle or direct register write operation)
6:4
ROLC 2:0
Right channel output level control selector
3LSHORT
Left channel short circuit indicator (persistent; after being set, bit is not cleared
automatically even after the short circuit is eliminated; must be cleared by reset
cycle or direct register write operation)
2:0
LOLC 2:0
Left channel output level control selector
76
5
4
3
2
1
0
-
-
INVR
INVL
RMSMIN2
RMSMIN1
LMSMIN2
LMSMIN1
Bit
Number
Bit Mnemonic
Description
7:6
-
Not used
5INVR
Right channel mixer output invert
Set to enable. Clear to disable.
4INVL
Left channel mixer output invert.
Set to enable. Clear to disable.
3RMSMIN2
Right Channel Mono/Stereo Mixer Right Mixed input enable
Set to enable. Clear to disable.
2RMSMIN1
Right Channel Mono/Stereo Mixer Left Mixed input enable
Set to enable. Clear to disable.
1
LMSMIN2
Left Channel Mono/Stereo Mixer Right Mixed input enable
Set to enable. Clear to disable.
0
LMSMIN1
Left Channel Mono/Stereo Mixer Left Mixed input enable
Set to enable. Clear to disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com