Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 107Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 108Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 109Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 110Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 111Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 113Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 114Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 241 page
background image
111
4341F–MP3–03/06
AT8xC51SND2C/MP3B
16.6.2
Bulk/Interrupt OUT Transactions in Ping-pong Mode
Figure 16-10.
Bulk/Interrupt OUT Transactions in Ping-pong Mode
An endpoint should be first enabled and configured before being able to receive Bulk or Interrupt
packets.
When a valid OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware has to select the correspond-
ing endpoint, store the number of data Bytes by reading the UBYCTX register. If the received
packet is a ZLP (Zero Length Packet), the UBYCTX register value is equal to 0 and no data has
to be read.
When all the endpoint FIFO Bytes have been read, the firmware should clear the RXOUB0 bit to
allow the USB controller to accept the next OUT packet on the endpoint bank 0. This action
switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has been cleared by the firmware,
the USB controller will answer a NAK handshake for each OUT requests on the bank 0 endpoint
FIFO.
When a new valid OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by
the USB controller. This triggers an interrupt if enabled. The firmware empties the bank 1 end-
point FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been cleared by the
firmware, the USB controller will answer a NAK handshake for each OUT requests on the bank 1
endpoint FIFO.
The RXOUTB0 and RXOUTB1 bits are, alternatively, set by the USB controller at each new valid
packet receipt.
The firmware has to clear one of these 2 bits after having read all the data FIFO to allow a new
valid packet to be stored in the corresponding bank.
A NAK handshake is sent by the USB controller only if the banks 0 and 1 has not been released
by the firmware.
OUT
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO bank 0 - Read Byte 1
RXOUTB0
Endpoint FIFO bank 0 - Read Byte 2
Endpoint FIFO bank 0 - Read Byte n
Clear RXOUTB0
OUT
DATA1 (m Bytes)
ACK
RXOUTB1
Endpoint FIFO bank 1 - Read Byte 1
Endpoint FIFO bank 1 - Read Byte 2
Endpoint FIFO bank 1 - Read Byte m
Clear RXOUTB1
OUT
DATA0 (p Bytes)
ACK
RXOUTB0
Endpoint FIFO bank 0 - Read Byte 1
Endpoint FIFO bank 0 - Read Byte 2
Endpoint FIFO bank 0 - Read Byte p
Clear RXOUTB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com