Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND2CMP3B Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 113Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 114Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 115Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 116Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 117Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 118Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 119Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 241 page
background image
116
4341F–MP3–03/06
AT8xC51SND2C/MP3B
When the IN packet has been sent, the TXCMPL bit in the UEPSTAX register is set by the USB
controller. This triggers a USB interrupt if enabled. The firmware should clear the TXCMPL bit
before filling the endpoint FIFO with new data.
The firmware should never write more Bytes than supported by the endpoint FIFO
16.8.4
Isochronous IN Transactions in Ping-pong Mode
An endpoint should be first enabled and configured before being able to send Isochronous
packets.
The firmware should fill the FIFO bank 0 with the data to be sent and set the TXRDY bit in the
UEPSTAX register to allow the USB controller to send the data stored in FIFO at the next IN
request concerning the endpoint. The FIFO banks are automatically switched, and the firmware
can immediately write into the endpoint FIFO bank 1.
If the TXRDY bit is not set when the IN request occurs, nothing will be sent by the USB
controller.
When the IN packet concerning the bank 0 has been sent, the TXCMPL bit is set by the USB
controller. This triggers a USB interrupt if enabled. The firmware should clear the TXCMPL bit
before filling the endpoint FIFO bank 0 with new data. The FIFO banks are then automatically
switched.
When the IN packet concerning the bank 1 has been sent, the TXCMPL bit is set by the USB
controller. This triggers a USB interrupt if enabled. The firmware should clear the TXCMPL bit
before filling the endpoint FIFO bank 1 with new data.
The bank switch is performed by the USB controller each time the TXRDY bit is set by the firm-
ware. Until the TXRDY bit has been set by the firmware for an endpoint bank, the USB controller
won’t send anything at each IN requests concerning this bank.
The firmware should never write more Bytes than supported by the endpoint FIFO.
16.9
Miscellaneous
16.9.1
USB Reset
The EORINT bit in the USBINT register is set by hardware when a End Of Reset has been
detected on the USB bus. This triggers a USB interrupt if enabled. The USB controller is still
enabled, but all the USB registers are reset by hardware. The firmware should clear the EORINT
bit to allow the next USB reset detection.
16.9.2
STALL Handshake
This function is only available for Control, Bulk, and Interrupt endpoints.
The firmware has to set the STALLRQ bit in the UEPSTAX register to send a STALL handshake
at the next request of the Host on the endpoint selected with the UEPNUM register. The
RXSETUP, TXRDY, TXCMPL, RXOUTB0 and RXOUTB1 bits must be first resseted to 0. The
bit STLCRC is set at 1 by the USB controller when a STALL has been sent. This triggers an
interrupt if enabled.
The firmware should clear the STALLRQ and STLCRC bits after each STALL sent.
The STALLRQ bit is cleared automatically by hardware when a valid SETUP PID is received on
a CONTROL type endpoint.
Important note: when a Clear Halt Feature occurs for an endpoint, the firmware should reset this
endpoint using the UEPRST resgister in order to reset the data toggle management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com