Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
4109JS–8051–10/06
AT8xC51SND1C
Table 4. Audio Interface Signal Description
Table 5. USB Controller Signal Description
Table 6. MutiMediaCard Interface Signal Description
T0
I
Timer 0 External Clock Input
When timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
P3.4
T1
I
Timer 1 External Clock Input
When timer 1 operates as a counter, a falling edge on the T1 pin
increments the count.
P3.5
Signal
Name
Type
Description
Alternate
Function
DCLK
O
DAC Data Bit Clock
-
DOUT
O
DAC Audio Data
-
DSEL
O
DAC Channel Select Signal
DSEL is the sample rate clock output.
-
SCLK
O
DAC System Clock
SCLK is the oversampling clock synchronized to the digital audio data
(DOUT) and the channel selection signal (DSEL).
-
Signal
Name
Type
Description
Alternate
Function
D+
I/O
USB Positive Data Upstream Port
This pin requires an external 1.5 K
Ω pull-up to V
DD for full speed
operation.
-
D-
I/O
USB Negative Data Upstream Port
-
Signal
Name
Type
Description
Alternate
Function
MCLK
O
MMC Clock output
Data or command clock transfer.
-
MCMD
I/O
MMC Command line
Bidirectional command channel used for card initialization and data
transfer commands. To avoid any parasitic current consumption,
unused MCMD input must be polarized to VDD or VSS.
-
MDAT
I/O
MMC Data line
Bidirectional data channel. To avoid any parasitic current consumption,
unused MDAT input must be polarized to VDD or VSS.
-
Signal
Name
Type
Description
Alternate
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com