Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
183
4109JS–8051–10/06
AT8xC51SND1C
22.2.2
A to D Converter
Table 145. A to D Converter DC Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
22.2.3
Oscillator & Crystal
22.2.3.1
Schematic
Figure 22-4. Crystal Connection
Note:
For operation with most standard crystals, no external components are needed on X1 and X2. It
may be necessary to add external capacitors on X1 and X2 to ground in special cases (max 10
pF). X1 and X2 may not be used to drive other circuits.
22.2.3.2
Parameters
Table 146. Oscillator & Crystal Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
AV
DD
Analog Supply Voltage
2.7
3.3
V
AIDD
Analog Operating Supply Current
600
μA
AV
DD= 3.3V
AIN1:0= 0 to AVDD
ADEN= 1
AIPD
Analog Standby Current
2
μA
AV
DD= 3.3V
ADEN= 0 or PD= 1
AV
IN
Analog Input Voltage
AV
SS
AV
DD
V
AVREF
Reference Voltage
AREFN
A
REFP
AVSS
2.4
AV
DD
V
R
REF
AREF Input Resistance
10
30
K
Ω
T
A= 25°C
C
IA
Analog Input capacitance
10
pF
T
A= 25°C
VSS
X1
X2
Q
C1
C2
Symbol
Parameter
Min
Typ
Max
Unit
C
X1
Internal Capacitance (X1 - VSS)
10
pF
C
X2
Internal Capacitance (X2 - VSS)
10
pF
C
L
Equivalent Load Capacitance (X1 - X2)
5
pF
DL
Drive Level
50
μW
F
Crystal Frequency
20
MHz
RS
Crystal Series Resistance
40
Ω
CS
Crystal Shunt Capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com