Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17
AT8xC51SND1C
4109JS–8051–10/06
1.12 2-wire Controller
The AT8xC51SND1C implements a 2-wire controller supporting the four standard mas-
ter and slave modes with multimaster capability. It is provided for the following
purposes:
•
Connection of slave devices like LCD controller, audio DAC…
•
Remote control of the AT8xC51SND1C by a host.
•
In System Programming.
1.13 A/D Controller
The AT8xC51SND1C implements a 2-channel 10-bit (8 true bits) analog to digital con-
verter (ADC). It is provided for the following purposes:
•
Battery monitoring.
•
Voice recording.
•
Corded remote control.
1.14 Keyboard Interface
The AT8xC51SND1C implements a keyboard interface allowing connection of 4 x n
matrix keyboard. It is based on 4 inputs with programmable interrupt capability on both
high or low level. These inputs are available as alternate function of P1.3:0 and allow
exit from idle and power down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com