Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
4109JS–8051–10/06
AT8xC51SND1C
Table 2. Clock Signal Description
Table 3. Timer 0 and Timer 1 Signal Description
P3.7:0
I/O
Port 3
P3 is an 8-bit bidirectional I/O port with internal pull-ups.
RXD
TXD
INT0
INT1
T0
T1
WR
RD
P4.7:0
I/O
Port 4
P4 is an 8-bit bidirectional I/O port with internal pull-ups.
MISO
MOSI
SCK
SS
P5.3:0
I/O
Port 5
P5 is a 4-bit bidirectional I/O port with internal pull-ups.
-
Signal
Name
Type
Description
Alternate
Function
X1
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to
this pin. If an external oscillator is used, its output is connected to this
pin. X1 is the clock source for internal timing.
-
X2
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to
this pin. If an external oscillator is used, leave X2 unconnected.
-
FILT
I
PLL Low Pass Filter input
FILT receives the RC network of the PLL low pass filter.
-
Signal
Name
Type
Description
Alternate
Function
INT0
I
Timer 0 Gate Input
INT0 serves as external run control for timer 0, when selected by
GATE0 bit in TCON register.
External Interrupt 0
INT0 input sets IE0 in the TCON register. If bit IT0 in this register is set,
bit IE0 is set by a falling edge on INT0. If bit IT0 is cleared, bit IE0 is set
by a low level on INT0.
P3.2
INT1
I
Timer 1 Gate Input
INT1 serves as external run control for timer 1, when selected by
GATE1 bit in TCON register.
External Interrupt 1
INT1 input sets IE1 in the TCON register. If bit IT1 in this register is set,
bit IE1 is set by a falling edge on INT1. If bit IT1 is cleared, bit IE1 is set
by a low level on INT1.
P3.3
Signal
Name
Type
Description
Alternate
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com