Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
180
4109JS–8051–10/06
AT8xC51SND1C
22. Electrical Characteristics
22.1
Absolute Maximum Rating
22.2
DC Characteristics
22.2.1
Digital Logic
Storage Temperature ......................................... -65 to +150
°C
Voltage on any other Pin to V
SS .................................... -0.3 to +4.0 V
I
OL per I/O Pin ................................................................. 5 mA
Power Dissipation ............................................................. 1 W
Operating Conditions
Ambient Temperature Under Bias........................ -40 to +85
°C
V
DD ........................................................................................................................4.0V
*NOTICE:
Stressing the device beyond the “Absolute Maxi-
mum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond
the “operating conditions” is not recommended
and extended exposure beyond the “Operating
Conditions” may affect device reliability.
Table 143. Digital DC Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ
(1)
Max
Units
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2·V
DD - 0.1
V
V
IH1
(2)
Input High Voltage (except RST, X1)
0.2·V
DD + 1.1
V
DD
V
V
IH2
Input High Voltage (RST, X1)
0.7·V
DD
V
DD + 0.5
V
V
OL1
Output Low Voltage
(except P0, ALE, MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
0.45
V
I
OL= 1.6 mA
V
OL2
Output Low Voltage
(P0, ALE, MCMD, MDAT, MCLK, SCLK,
DCLK, DSEL, DOUT)
0.45
V
I
OL= 3.2 mA
V
OH1
Output High Voltage
(P1, P2, P3, P4 and P5)
V
DD - 0.7
V
I
OH= -30 μA
VOH2
Output High Voltage
(P0, P2 address mode, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT, D+, D-)
VDD - 0.7
V
IOH= -3.2 mA
I
IL
Logical 0 Input Current (P1, P2, P3, P4
and P5)
-50
μAV
IN= 0.45 V
ILI
Input Leakage Current (P0, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT)
10
μA
0.45< VIN< VDD
ITL
Logical 1 to 0 Transition Current
(P1, P2, P3, P4 and P5)
-650
μAV
IN= 2.0 V
R
RST
Pull-Down Resistor
50
90
200
k
Ω
C
IO
Pin Capacitance
10
pF
T
A= 25°C
V
RET
V
DD Data Retention Limit
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com