Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8039ART-R2 Datasheet HTML 1Page - Analog Devices AD8039ART-R2 Datasheet HTML 2Page - Analog Devices AD8039ART-R2 Datasheet HTML 3Page - Analog Devices AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. F
Typical Performance Characteristics–AD8038/AD8039
–5–
FREQUENCY – MHz
–6
0.1
1000
110
100
–3
0
3
6
9
12
15
18
21
24
G = +5
G = +2
G = +1
G = +10
FREQUENCY – MHz
0.1
1000
110
100
0
1
6
7
VS = 5V
5
4
3
2
VS = 2.5V
VS = 1.5V
FREQUENCY – MHz
0.1
1000
110
100
0
1
6
7
RL = 2k
5
4
3
2
RL = 1k
RL = 500
(Default Conditions:
5 V, CL = 5 pF, G =
2, RG = RF = 1 k , RL = 2 k , VO = 2 V p-p, Frequency = 1 MHz, TA = 25 C.)
TPC 1. Small Signal Frequency
Response for Various Gains,
VOUT = 500 mV p-p
FREQUENCY – MHz
0.1
1000
110
100
0
1
6
7
RL = 2k
5
4
3
2
RL = 1k
RL = 500
TPC 4. Small Signal Frequency
Response for Various RLOAD,
VS = 5 V, VOUT = 500 mV p-p
FREQUENCY – MHz
0
–4
1
2
3
4
110
100
CL = 15pF
CL = 10pF
CL = 5pF
–5
–3
–2
–1
5
1000
TPC 7. Small Signal Frequency
Response for Various CLOAD,
VOUT = 500 mV p-p, VS =
±5 V,
G = +1
TPC 2. Small Signal Frequency
Response for Various Supplies,
VOUT = 500 mV p-p
FREQUENCY – MHz
0
0.1
1
2
3
4
5
6
7
8
110
100
RL = 500
RL = 2k
RL = 1k
TPC 5. Large Signal Frequency
Response for Various RLOAD,
VOUT = 3 V p-p, VS = 5 V
FREQUENCY – MHz
1
3
110
100
CL = 10pF
CL = 5pF
–5
–3
–1
5
1000
7
CL = 15pF
TPC 8. Small Signal Frequency
Response for Various CLOAD,
VOUT = 500 mV p-p, VS = 5 V,
G = +1
TPC 3. Small Signal Frequency
Response for Various RLOAD,
VS =
±5 V, VOUT = 500 mV p-p
FREQUENCY – MHz
0
0.1
1
2
3
4
5
6
7
8
110
100
RL = 500
RL = 2k
RL = 1k
TPC 6. Large Signal Frequency
Response for Various RLOAD,
VOUT = 4 V p-p, VS =
±5 V
FREQUENCY – MHz
0.1
1000
110
100
–6
1
VOUT = 500mV
2
VOUT = 200mV
VOUT = 2V
VOUT = 1V
–5
–4
–3
–2
–1
0
TPC 9. Frequency Response for
Various Output Voltage Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com