Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 3Page - Analog Devices AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. F
AD8038/AD8039
–7–
FREQUENCY – Hz
100
10
100
1000
10000
100000
1M
1000
100000
10000
TPC 19. Input Current Noise vs.
Frequency
50mV/DIV
5ns/DIV
CL = 25pF WITH
RSNUB = 19.6
CL = 10pF
CL = 5pF
TPC 22. Small Signal Transient
Response for Various Capacitive
Loads, VS = 5 V
RL = 500
RL = 2k
1V/DIV
5ns/DIV
TPC 25. Large Signal Transient
Response for Various RLOAD,
VS =
±5 V
RL = 500
RL = 2k
50mV/DIV
5ns/DIV
TPC 20. Small Signal Transient
Response for Various RLOAD,
VS = 5 V
50mV/DIV
5ns/DIV
CL = 25pF WITH
RSNUB = 19.6
CL = 10pF
CL = 5pF
TPC 23. Small Signal Transient
Response for Various Capacitive
Loads, VS =
±5 V
CL = 25pF
500mV/DIV
5ns/DIV
CL = 5pF
2.5V
TPC 26. Large Signal Transient
Response for Various Capacitive
Loads, VS = 5 V
RL = 500
RL = 2k
50mV/DIV
5ns/DIV
TPC 21. Small Signal Transient
Response for Various RLOAD,
VS =
±5 V
RL = 500
RL = 2k
500mV/DIV
5ns/DIV
2.5V
TPC 24. Large Signal Transient
Response for Various RLOAD,
VS = 5 V
500mV/DIV
5ns/DIV
CL = 10pF
CL = 5pF
TPC 27. Large Signal Transient
Response for Various Capacitive
Loads, VS =
±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com