Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 2Page - Analog Devices AD8039ART-R2 Datasheet HTML 3Page - Analog Devices AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. F
–6–
AD8038/AD8039
FREQUENCY – MHz
0
0.01
10
0.1
1
10
100
1000
GAIN
20
30
40
50
60
70
80
PHASE
0
–10
–20
180
45
–45
135
90
TPC 10. Open-Loop Gain and
Phase, VS =
±5 V
FREQUENCY – MHz
18
2
34
5
6
7
–90
–85
–80
–75
–70
–65
–60
–55
–50
910
RL = 500
HD2
RL = 500
HD3
RL = 2k
HD3
RL = 2k
HD2
–45
TPC 13. Harmonic Distortion vs.
Frequency for Various Loads,
VS = 5 V, VOUT = 2 V p-p, G = +2
AMPLITUDE – V p-p
1
23
4
–100
–80
–70
–60
–50
10MHz HD2
10MHz HD3
5MHz HD2
5MHz HD3
1MHz HD2
1MHz HD3
–90
–40
TPC 16. Harmonic Distortion vs.
VOUT Amplitude for Various
Frequencies,
VS =
±5 V, G = +2
FREQUENCY – MHz
0.1
1000
110
100
0
6
9
3
–3
–40 C
+85 C
+25 C
TPC 11. Frequency Response
vs. Temperature, Gain = +2,
VS =
±5 V, VOUT = 2 V p-p
FREQUENCY – MHz
18
23
4
5
67
–90
–80
–70
–60
–50
910
G = +1 HD2
G = +2 HD2
G = +1 HD3
G = +2 HD3
–100
TPC 14. Harmonic Distortion vs.
Frequency for Various Gains,
VS =
±5 V, VOUT = 2 V p-p
AMPLITUDE – V p-p
1.0
–85
–75
–65
–55
10MHz HD2
10MHz HD3
5MHz HD2
5MHz HD3
1MHz HD2
–95
–45
1.5
2.0
2.5
3.0
1MHz HD3
TPC 17. Harmonic Distortion vs.
Amplitude for Various Frequencies,
VS = 5 V, G = +2
FREQUENCY – MHz
18
23
4
5
67
–90
–85
–80
–75
–70
–65
–60
–55
–50
910
RL = 500
HD2
RL = 500
HD3
RL = 2k
HD3
RL = 2k
HD2
TPC 12. Harmonic Distortion vs.
Frequency for Various Loads,
VS =
±5 V, VOUT = 2 V p-p, G = +2
FREQUENCY – MHz
18
23
4
5
67
–100
–90
–70
–60
–50
910
G = +1 HD2
G = +2 HD2
G = +1 HD3
G = +2 HD3
–80
TPC 15. Harmonic Distortion vs.
Frequency for Various Gains,
VS = 5 V, VOUT = 2 V p-p
1000
100
10
1
10
FREQUENCY – Hz
10M
100k
1k
100
10k
1M
100M
TPC 18. Input Voltage Noise vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com