Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices AD8039ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. F
–8–
AD8038/AD8039
OUT
IN
2V/DIV
50ns/DIV
TPC 28. Input Overdrive
Recovery, Gain = +1
FREQUENCY – MHz
0.1
1000
110
100
SIDE A
–100
–40
–20
SIDE B
–10
–30
–50
–60
–70
–80
–90
TPC 31. AD8039 Crosstalk,
VIN = 1 V p-p, Gain = +1
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
+PSRR
–PSRR
FREQUENCY – MHz
0.01
1000
0.1
10
100
1
TPC 34. PSRR vs. Frequency
INPUT 1V/DIV
OUTPUT 2V/DIV
50ns/DIV
IN
OUT
TPC 29. Output Overdrive
Recovery, Gain = +2
FREQUENCY – MHz
1
1000
10
100
VS = +5V
–80
–70
–60
–50
–40
–30
–20
–10
VS = 5V
TPC 32. CMRR vs. Frequency,
VIN = 1 V p-p
RLOAD –
200
300
500
0
1
2
3
4
5
6
7
8
9
VS = +5V
VS = 5V
0
100
400
TPC 35. Output Swing vs.
Load Resistance
0.5V/DIV
5ns/DIV
2mV/DIV
VIN
ERROR
VOLTAGE
VS = 5V
G = +2
VOUT = 2V p-p
+0.1%
–0.1%
0
t = 0
TPC 30. 0.1% Settling Time
VOUT = 2 V p-p
FREQUENCY – MHz
0.1
0.01
0.1
1
10
100
1000
VS = 5V
VS = +5V
1
10
100
1000
TPC 33. Output Impedance vs.
Frequency
SUPPLY VOLTAGE – V
1.25
1.00
0
0
12
2468
10
0.75
0.50
0.25
TPC 36. AD8038 Supply
Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com