Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8039ART-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8039ART-R2
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8039ART-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8039ART-R2 Datasheet HTML 4Page - Analog Devices AD8039ART-R2 Datasheet HTML 5Page - Analog Devices AD8039ART-R2 Datasheet HTML 6Page - Analog Devices AD8039ART-R2 Datasheet HTML 7Page - Analog Devices AD8039ART-R2 Datasheet HTML 8Page - Analog Devices AD8039ART-R2 Datasheet HTML 9Page - Analog Devices AD8039ART-R2 Datasheet HTML 10Page - Analog Devices AD8039ART-R2 Datasheet HTML 11Page - Analog Devices AD8039ART-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. F
–10–
AD8038/AD8039
The AD9203 works best when the common-mode voltage at the
input is at the midsupply or 2.5 V. The output stage design of
the AD8039 makes it ideal for driving these types of ADCs.
In this circuit, one of the op amps is configured in the inverting
mode, while the other is in the noninverting mode. However, to
provide better bandwidth matching, each op amp is configured
for a noise gain of +2. The inverting op amp is configured for a
gain of –1, while the noninverting op amp is configured for a
gain of +2. Each has a very similar ac response. The input signal
to the noninverting op amp is divided by 2 to normalize its
voltage level and make it equal to the inverting output.
The outputs of the op amps are centered at 2.5 V, which is the
midsupply level of the ADC. This is accomplished by first taking
the 2.5 V reference output of the ADC and dividing it by 2 with
a pair of 1 k
Ω resistors. The resulting 1.25 V is applied to each
op amp’s positive input. This voltage is then multiplied by the
gain of the op amps to provide a 2.5 V level at each output.
Low Power Active Video Filter
Some composite video signals derived from a digital source
contain clock feedthrough that can limit picture quality. Active
filters made from op amps can be used in this application, but
they will consume 25 mW to 30 mW for each channel. In
power-sensitive applications, this can be too much, requiring
the use of passive filters that can create impedance matching
problems when driving any significant load.
The AD8038 can be used to make an effective low-pass active
filter that consumes one-fifth of the power consumed by an
active filter made from an op amp. Figure 4 shows a circuit that
uses an AD8038 to create a single
±2.5 V supply, three-pole
Sallen-Key filter. This circuit uses a single RC pole in front of a
standard two-pole active section.
0.1 F
+2.5V
10 F
–2.5V
0.1 F
10 F
C3
33pF
R3
49.9
RF
1
680pF
R5
75
R2
499
C1
100pF
R1
200
R4
49.9
AD8038
VIN
VOUT
Figure 4. Low-Pass Filter for Video
Figure 5 shows the frequency response of this filter. The response
is down 3 dB at 6 MHz, so it passes the video band with little
attenuation. The rejection at 27 MHz is 45 dB, which provides
more than a factor of 100 in suppression of the clock components
at this frequency.
FREQUENCY – MHz
0.1
110
100
–10
10
0
–20
–30
–40
–50
–60
Figure 5. Video Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com