Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C55WD
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C55WD Datasheet HTML 1Page - ATMEL Corporation AT89C55WD Datasheet HTML 2Page - ATMEL Corporation AT89C55WD Datasheet HTML 3Page - ATMEL Corporation AT89C55WD Datasheet HTML 4Page - ATMEL Corporation AT89C55WD Datasheet HTML 5Page - ATMEL Corporation AT89C55WD Datasheet HTML 6Page - ATMEL Corporation AT89C55WD Datasheet HTML 7Page - ATMEL Corporation AT89C55WD Datasheet HTML 8Page - ATMEL Corporation AT89C55WD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Features
• Compatible with MCS®-51 Products
• 20K Bytes of Reprogrammable Flash Memory
• Endurance: 1000 Write/Erase Cycles
• 4V to 5.5V Operating Range
• Fully Static Operation: 0 Hz to 33 MHz
• Three-level Program Memory Lock
• 256 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-bit Timer/Counters
• Eight Interrupt Sources
• Programmable Serial Channel
• Low-power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode
• Hardware Watchdog Timer
• Dual Data Pointer
• Power-off Flag
• Green (Pb/Halide-free) Packaging Option
1.
Description
The AT89C55WD is a low-power, high-performance CMOS 8-bit microcontroller with
20K bytes of Flash programmable read only memory and 256 bytes of RAM. The
device is manufactured using Atmel’s high-density nonvolatile memory technology
and is compatible with the industry standard 80C51 and 80C52 instruction set and
pinout. The on-chip Flash allows the program memory to be user programmed by a
conventional nonvolatile memory programmer. By combining a versatile 8-bit CPU
with Flash on a monolithic chip, the Atmel AT89C55WD is a powerful microcomputer
which provides a highly flexible and cost effective solution to many embedded control
applications.
The AT89C55WD provides the following standard features: 20K bytes of Flash, 256
bytes of RAM, 32 I/O lines, three 16-bit timer/counters, a six-vector, two-level interrupt
architecture, a full-duplex serial port, on-chip oscillator, and clock circuitry. In addition,
the AT89C55WD is designed with static logic for operation down to zero frequency
and supports two software selectable power saving modes. The Idle Mode stops the
CPU while allowing the RAM, timer/counters, serial port, and interrupt system to con-
tinue functioning. The Power-down Mode saves the RAM contents but freezes the
oscillator, disabling all other chip functions until the next external interrupt or hardware
reset.
1921C–MICRO–3/05
8-bit
Microcontroller
with 20K Bytes
Flash
AT89C55WD


Similar Part No. - AT89C55WD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
293Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
522Kb / 35P
8-bit Microcontroller with 20K Bytes Flash
logo
SYC Electronica
AT89C55WD SYC-AT89C55WD Datasheet
553Kb / 34P
8-bit Microcontroller with 20K Bytes Flash
logo
ATMEL Corporation
AT89C55WD-24AC ATMEL-AT89C55WD-24AC Datasheet
278Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
More results

Similar Description - AT89C55WD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
8-Bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55 Datasheet
595Kb / 23P
8-Bit Microcontroller with 20K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
8-bit Microcontroller with 20K Bytes Flash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
8-bit Microcontroller with 20K Bytes QuickFlash?
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
8-bit Microcontroller with 20K Bytes Flash
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
8-bit Microcontroller with 20K Bytes QuickFlash짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com