Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89C55WD
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89C55WD Datasheet HTML 20Page - ATMEL Corporation AT89C55WD Datasheet HTML 21Page - ATMEL Corporation AT89C55WD Datasheet HTML 22Page - ATMEL Corporation AT89C55WD Datasheet HTML 23Page - ATMEL Corporation AT89C55WD Datasheet HTML 24Page - ATMEL Corporation AT89C55WD Datasheet HTML 25Page - ATMEL Corporation AT89C55WD Datasheet HTML 26Page - ATMEL Corporation AT89C55WD Datasheet HTML 27Page - ATMEL Corporation AT89C55WD Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
1921C–MICRO–3/05
AT89C55WD
22. Flash Programming and Verification Characteristics
T
A = 20°C to 30°C, VCC = 4.5V to 5.5V
Symbol
Parameter
Min
Max
Units
V
PP
Programming Supply Voltage
11.5
12.5
V
I
PP
Programming Supply Current
10
mA
ICC
VCC Supply Current
30
mA
1/t
CLCL
Oscillator Frequency
3
33
MHz
t
AVGL
Address Setup to PROG Low
48t
CLCL
tGHAX
Address Hold After PROG
48tCLCL
t
DVGL
Data Setup to PROG Low
48t
CLCL
t
GHDX
Data Hold After PROG
48t
CLCL
tEHSH
P2.7 (ENABLE) High to VPP
48tCLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
t
GHSL
V
PP Hold After PROG
10
µs
tGLGH
PROG Width
0.2
1
µs
t
AVQV
Address to Data Valid
48t
CLCL
t
ELQV
ENABLE Low to Data Valid
48t
CLCL
tEHQZ
Data Float After ENABLE
048tCLCL
t
GHBL
PROG High to BUSY Low
1.0
µs
t
WC
Byte Write Cycle Time
80
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com