Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C55WD
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C55WD Datasheet HTML 12Page - ATMEL Corporation AT89C55WD Datasheet HTML 13Page - ATMEL Corporation AT89C55WD Datasheet HTML 14Page - ATMEL Corporation AT89C55WD Datasheet HTML 15Page - ATMEL Corporation AT89C55WD Datasheet HTML 16Page - ATMEL Corporation AT89C55WD Datasheet HTML 17Page - ATMEL Corporation AT89C55WD Datasheet HTML 18Page - ATMEL Corporation AT89C55WD Datasheet HTML 19Page - ATMEL Corporation AT89C55WD Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
1921C–MICRO–3/05
AT89C55WD
Figure 14-1. Timer 2 in Clock-Out Mode
15. Interrupts
The AT89C55WD has a total of six interrupt vectors: two external interrupts (INT0 and INT1),
three timer interrupts (Timers 0, 1, and 2), and the serial port interrupt. These interrupts are all
shown in Figure 15-1.
Each of these interrupt sources can be individually enabled or disabled by setting or clearing a
bit in Special Function Register IE. IE also contains a global disable bit, EA, which disables all
interrupts at once.
Note that Table 5 shows that bit position IE.6 is unimplemented. User software should not write
a ‘1’ to this bit position, since it may be used in future AT89 products.
Timer 2 interrupt is generated by the logical OR of bits TF2 and EXF2 in register T2CON. Nei-
ther of these flags is cleared by hardware when the service routine is vectored to. In fact, the
service routine may have to determine whether it was TF2 or EXF2 that generated the interrupt,
and that bit will have to be cleared in software.
OSC
EXF2
P1.0
(T2)
P1.1
(T2EX)
TR2
EXEN2
C/T2 BIT
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
T2OE (T2MOD.1)
÷2
TL2
(8-BITS)
RCAP2L RCAP2H
TH2
(8-BITS)
÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com