Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C55WD
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C55WD Datasheet HTML 14Page - ATMEL Corporation AT89C55WD Datasheet HTML 15Page - ATMEL Corporation AT89C55WD Datasheet HTML 16Page - ATMEL Corporation AT89C55WD Datasheet HTML 17Page - ATMEL Corporation AT89C55WD Datasheet HTML 18Page - ATMEL Corporation AT89C55WD Datasheet HTML 19Page - ATMEL Corporation AT89C55WD Datasheet HTML 20Page - ATMEL Corporation AT89C55WD Datasheet HTML 21Page - ATMEL Corporation AT89C55WD Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
1921C–MICRO–3/05
AT89C55WD
16. Oscillator Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier that can be
configured for use as an on-chip oscillator, as shown in Figure 18-1. Either a quartz crystal or
ceramic resonator may be used. To drive the device from an external clock source, XTAL2
should be left unconnected while XTAL1 is driven, as shown in Figure 18-2. There are no
requirements on the duty cycle of the external clock signal, since the input to the internal clock-
ing circuitry is through a divide-by-two flip-flop, but minimum and maximum voltage high and low
time specifications must be observed.
17. Idle Mode
In idle mode, the CPU puts itself to sleep while all the on-chip peripherals remain active. The
mode is invoked by software. The content of the on-chip RAM and all the special functions regis-
ters remain unchanged during this mode. The idle mode can be terminated by any enabled
interrupt or by a hardware reset.
Note that when idle mode is terminated by a hardware reset, the device normally resumes pro-
gram execution from where it left off, up to two machine cycles before the internal reset
algorithm takes control. On-chip hardware inhibits access to internal RAM in this event, but
access to the port pins is not inhibited. To eliminate the possibility of an unexpected write to a
port pin when idle mode is terminated by a reset, the instruction following the one that invokes
idle mode should not write to a port pin or to external memory.
18. Power-down Mode
In the Power-down mode, the oscillator is stopped, and the instruction that invokes Power-down
is the last instruction executed. The on-chip RAM and Special Function Registers retain their
values until the Power-down mode is terminated. Exit from Power-down can be initiated either
by a hardware reset or by an enabled external interrupt. Reset redefines the SFRs but does not
change the on-chip RAM. The reset should not be activated before V
CC is restored to its normal
operating level and must be held active long enough to allow the oscillator to restart and
stabilize.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com