Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C55WD Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89C55WD
Description  8-bit Microcontroller with 20K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C55WD Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89C55WD Datasheet HTML 18Page - ATMEL Corporation AT89C55WD Datasheet HTML 19Page - ATMEL Corporation AT89C55WD Datasheet HTML 20Page - ATMEL Corporation AT89C55WD Datasheet HTML 21Page - ATMEL Corporation AT89C55WD Datasheet HTML 22Page - ATMEL Corporation AT89C55WD Datasheet HTML 23Page - ATMEL Corporation AT89C55WD Datasheet HTML 24Page - ATMEL Corporation AT89C55WD Datasheet HTML 25Page - ATMEL Corporation AT89C55WD Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
1921C–MICRO–3/05
AT89C55WD
Notes:
1. Write Code Data requires a 200 ns PROG pulse.
2. Write Lock Bits requires a 100 µs PROG pulse.
3. Chip Erase requires a 200 ns - 500 ns PROG pulse.
4. RDY/BSY signal is output on P3.0 during programming.
Table 21-1.
Flash Programming Modes
Mode
V
CC
RST
PSEN
ALE/
PROG
EA/
V
PP
P2.6
P2.7
P3.3
P3.6
P3.7
P0.7-0
Data
P3.4
P2.5-0
P1.7-0
Address
Write Code
Data
5V
H
L
(1)
12V
L
H
H
H
H
D
IN
A14
A13-8
A7-0
Read Code
Data
5V
HL
HH/12V
L
L
L
H
H
D
OUT
A14
A13-8
A7-0
Write Lock Bit
1
6.5
V
HL
(2)
12V
H
H
H
H
H
X
X
X
X
Write Lock Bit
2
6.5
V
HL
(2)
12V
H
H
H
L
L
X
X
X
X
Write Lock Bit
3
6.5
V
HL
(2)
12V
H
L
H
H
L
X
X
X
X
Read Lock Bits
1, 2, 3
5V
H
L
H
H
H
H
L
H
L
P0.2,
P0.3,
P0.4
XX
X
Chip Erase
6.5
V
HL
(3)
12V
H
L
H
L
L
X
X
X
X
Read Atmel ID
5V
H
L
H
H
L
L
L
L
L
1EH
X
XX 0000
00H
Read Device
ID
5V
H
L
H
H
L
L
L
L
L
55H
X
XX 0001
00H
Read Device
ID
5V
H
L
H
H
L
L
L
L
L
06H
X
XX 0010
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com