Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64-16AI Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 81Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 82Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 83Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 84Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 85Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 86Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 87Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 88Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 393 page
background image
85
ATmega64(L)
2490L–AVR–10/06
Alternate Functions of Port G
In ATmega103 compatibility mode, only the alternate functions are the defaults for Port
G, and Port G cannot be used as General Digital Port Pins. The alternate pin configura-
tion is as follows:
• TOSC1 – Port G, Bit 4
TOSC2, Timer Oscillator pin 1: When the AS0 bit in ASSR is set (one) to enable asyn-
chronous clocking of Timer/Counter0, pin PG4 is disconnected from the port, and
becomes the inverting output of the Oscillator amplifier. In this mode, a crystal Oscillator
is connected to this pin, and the pin can not be used as an I/O pin.
• TOSC2 – Port G, Bit 3
TOSC2, Timer Oscillator pin 2: When the AS0 bit in ASSR is set (one) to enable asyn-
chronous clocking of Timer/Counter0, pin PG3 is disconnected from the port, and
becomes the input of the inverting Oscillator amplifier. In this mode, a crystal Oscillator
is connected to this pin, and the pin cannot be used as an I/O pin.
• ALE – Port G, Bit 2
ALE is the external data memory Address Latch Enable signal.
•RD – Port G, Bit 1
RD is the external data memory read control strobe.
Table 44. Overriding Signals for Alternate Functions in PF3..PF0
Signal
Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
DIEOE
0000
DIEOV
0000
DI
––––
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 45. Port G Pins Alternate Functions
Port Pin
Alternate Function
PG4
TOSC1 (RTC Oscillator Timer/Counter0)
PG3
TOSC2 (RTC Oscillator Timer/Counter0)
PG2
ALE (Address Latch Enable to external memory)
PG1
RD (Read strobe to external memory)
PG0
WR (Write strobe to external memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com