Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64-16AI Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 93Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 94Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 95Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 96Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 97Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 98Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 99Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 100Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 393 page
background image
97
ATmega64(L)
2490L–AVR–10/06
Compare Match Output
Unit
The Compare Output mode (COM01:0) bits have two functions. The Waveform Genera-
tor uses the COM01:0 bits for defining the Output Compare (OC0) state at the next
Compare Match. Also, the COM01:0 bits control the OC0 pin output source. Figure 37
shows a simplified schematic of the logic affected by the COM01:0 bit setting. The I/O
Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O port control registers (DDR and PORT) that are affected by the COM01:0
bits are shown. When referring to the OC0 state, the reference is for the internal OC0
Register, not the OC0 pin.
Figure 37. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC0) from the
Waveform Generator if either of the COM01:0 bits are set. However, the OC0 pin direc-
tion (input or output) is still controlled by the Data Direction Register (DDR) for the port
pin. The Data Direction Register bit for the OC0 pin (DDR_OC0) must be set as output
before the OC0 value is visible on the pin. The port override function is independent of
the Waveform Generation mode.
The design of the Output Compare pin logic allows initialization of the OC0 state before
the output is enabled. Note that some COM01:0 bit settings are reserved for certain
modes of operation. See “8-bit Timer/Counter Register Description” on page 104.
Compare Output Mode and
Waveform Generation
The Waveform Generator uses the COM01:0 bits differently in Normal, CTC, and PWM
modes. For all modes, setting the COM01:0 = 0 tells the Waveform Generator that no
action on the OC0 Register is to be performed on the next Compare Match. For com-
pare output actions in the non-PWM modes refer to Table 53 on page 105. For fast
PWM mode, refer to Table 54 on page 105, and for phase correct PWM refer to Table
55 on page 105.
PORT
DDR
DQ
DQ
OCn
Pin
OCn
DQ
Waveform
Generator
COMn1
COMn0
0
1
FOCn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com