Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64-16AI Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 36Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 393 page
background image
33
ATmega64(L)
2490L–AVR–10/06
• Bit 1 and Bit 6 MCUCR – SRW11, SRW10: Wait State Select Bits for Upper
Sector
The SRW11 and SRW10 bits control the number of wait states for the upper sector of
the external memory address space, see Table 4.
• Bit 3..2 – SRW01, SRW00: Wait State Select Bits for Lower Sector
The SRW01 and SRW00 bits control the number of wait states for the lower sector of
the external memory address space, see Table 4.
Note:
1. n = 0 or 1 (lower/upper sector).
For further details of the timing and wait states of the External Memory Interface, see
Figure 13 to Figure 16 how the setting of the SRW bits affects the timing.
• Bit 0 – Res: Reserved Bit
This is a reserved bit and will always read as zero. When writing to this address location,
write this bit to zero for compatibility with future devices.
Table 3. Sector Limits with Different Settings of SRL2..0
SRL2
SRL1
SRL0
Sector Limits
0
0
0
Lower sector = N/A
Upper sector = 0x1100 - 0xFFFF
0
0
1
Lower sector = 0x1100 - 0x1FFF
Upper sector = 0x2000 - 0xFFFF
0
1
0
Lower sector = 0x1100 - 0x3FFF
Upper sector = 0x4000 - 0xFFFF
0
1
1
Lower sector = 0x1100 - 0x5FFF
Upper sector = 0x6000 - 0xFFFF
1
0
0
Lower sector = 0x1100 - 0x7FFF
Upper sector = 0x8000 - 0xFFFF
1
0
1
Lower sector = 0x1100 - 0x9FFF
Upper sector = 0xA000 - 0xFFFF
1
1
0
Lower sector = 0x1100 - 0xBFFF
Upper sector = 0xC000 - 0xFFFF
1
1
1
Lower sector = 0x1100 - 0xDFFF
Upper sector = 0xE000 - 0xFFFF
Table 4. Wait States
(1)
SRWn1
SRWn0
Wait States
0
0
No wait states
0
1
Wait one cycle during read/write strobe
1
0
Wait two cycles during read/write strobe
11
Wait two cycles during read/write and wait one cycle before driving out
new address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com