Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64-16AI Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 55Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 56Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 57Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 58Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 59Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 60Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 61Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 62Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 393 page
background image
59
ATmega64(L)
2490L–AVR–10/06
The following code examples show one assembly and one C function for turning off the
WDT. The examples assume that interrupts are controlled (e.g., by disabling interrupts
globally) so that no interrupts will occur during execution of these functions.
Assembly Code Example
WDT_off:
; reset WDT
wdr
in
r16, WDTCR
ldi
r16, (1<<WDCE)|(1<<WDE)
; Write logical one to WDCE and WDE
ori
r16, (1<<WDCE)|(1<<WDE)
out
WDTCR, r16
; Turn off WDT
ldi
r16, (0<<WDE)
out
WDTCR, r16
ret
C Code Example
void
WDT_off(void)
{
/* Reset WDT*/
_WDRC();
/* Write logical one to WDCE and WDE */
WDTCR |= (1<<WDCE) | (1<<WDE);
/* Turn off WDT */
WDTCR = 0x00;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com