Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64-16AI Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATMEGA64-16AI
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64-16AI Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATMEGA64-16AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA64-16AI Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 393 page
background image
32
ATmega64(L)
2490L–AVR–10/06
XMEM Register
Description
MCUCR – MCU Control
Register
• Bit 7 – SRE: External SRAM/XMEM Enable
Writing SRE to one enables the External Memory Interface.The pin functions AD7:0,
A15:8, ALE, WR, and RD are activated as the alternate pin functions. The SRE bit over-
rides any pin direction settings in the respective data direction registers. Writing SRE to
zero, disables the External Memory Interface and the normal pin and data direction set-
tings are used.
• Bit 6 – SRW10: Wait State Select Bit
For a detailed description in non ATmega103 compatibility mode, see common descrip-
tion for the SRWn bits below (XMRA description). In ATmega103 compatibility mode,
writing SRW10 to one enables the wait state and one extra cycle is added during
read/write strobe as shown in Figure 14.
XMCRA – External Memory
Control Register A
• Bit 7 – Res: Reserved Bit
This is a reserved bit and will always read as zero. When writing to this address location,
write this bit to zero for compatibility with future devices.
• Bit 6..4 – SRL2, SRL1, SRL0: Wait State Sector Limit
It is possible to configure different wait states for different external memory addresses.
The external memory address space can be divided in two sectors that have separate
wait-state bits. The SRL2, SRL1, and SRL0 bits select the split of the sectors, see Table
3 and Figure 11. By default, the SRL2, SRL1, and SRL0 bits are set to zero and the
entire external memory address space is treated as one sector. When the entire SRAM
address space is configured as one sector, the wait states are configured by the SRW11
and SRW10 bits.
Bit
7654
321
0
0x35 (0x55)
SRE
SRW10
SE
SM1
SM0
SM2
IVSEL
IVCE
MCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x6D)
–
SRL2
SRL1
SRL0
SRW01
SRW00
SRW11
–
XMCRA
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com