Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LP213_06 Datasheet HTML 1Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 2Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 3Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 4Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 5Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 6Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 7Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 8Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Features
• 8-bit Microcontroller Compatible with MCS®51 Products
• Enhanced 8051 Architecture
– Single Clock Cycle per Byte Fetch
– Up to 20 MIPS Throughput at 20 MHz Clock Frequency
– Fully Static Operation: 0 Hz to 20 MHz
– On-chip 2-cycle Hardware Multiplier
– 128 x 8 Internal RAM
– 4-level Interrupt Priority
• Nonvolatile Program Memory
– 2K Bytes of In-System Programmable (ISP) Flash Memory
– Endurance: Minimum 10,000 Write/Erase Cycles
– Data Retention: Minimum 10 Years
– Serial Interface for Program Downloading
– 32-byte Fast Page Programming Mode
– 64-byte User Signature Array
– 2-level Program Memory Lock for Software Security
• Peripheral Features
– Two 16-bit Enhanced Timer/Counters
– Two 8-bit PWM Outputs (AT89LP213 only)
– Enhanced UART with Automatic Address Recognition and Framing Error
Detection (AT89LP214 only)
– Enhanced Master/Slave SPI with Double-buffered Send/Receive
– Programmable Watchdog Timer with Software Reset
– Analog Comparator with Selectable Interrupt and Debouncing
– 8 General-purpose Interrupt Pins
• Special Microcontroller Features
– Two-wire On-chip Debug Interface
– Brown-out Detection and Power-on Reset with Power-off Flag
– Internal RC Oscillator
– Low Power Idle and Power-down Modes
– Interrupt Recovery from Power-down Mode
• I/O and Packages
– Up to 12 Programmable I/O Lines
– Configurable I/O with Quasi-bidirectional, Input, Push-pull Output, and
Open-drain Modes
– 5V Tolerant I/O
– 14-lead TSSOP or PDIP
• Operating Conditions
– 2.4V to 5.5V V
CC Voltage Range
–-40
° C to 85°C Temperature Range
1.
Description
The AT89LP213/214 is a low-power, high-performance CMOS 8-bit microcontroller
with 2K bytes of In-System Programmable Flash memory. The device is manufactured
using Atmel's high-density nonvolatile memory technology and is compatible with the
industry-standard MCS-51 instruction set. The AT89LP213/214 is built around an
enhanced CPU core that can fetch a single byte from memory every clock cycle.
In the classic 8051 architecture, each fetch requires 6 clock cycles, forcing instruc-
tions to execute in 12, 24 or 48 clock cycles. In the AT89LP213/214 CPU, instructions
need only 1 to 4 clock cycles providing 6 to 12 times more throughput than the stan-
dard 8051. Seventy percent of instructions need only as many clock cycles as they
8-bit
Microcontroller
with 2K Bytes
Flash
AT89LP213
AT89LP214
Preliminary
3538A–MICRO–7/06


Similar Part No. - AT89LP213_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89LP213_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com