Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89LP213_06 Datasheet HTML 1Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 2Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 3Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 4Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 5Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 6Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 7Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 8Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
2
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
have bytes to execute, and most of the remaining instructions require only one additional clock.
The enhanced CPU core is capable of 20 MIPS throughput whereas the classic 8051 CPU can
deliver only 4 MIPS at the same current consumption. Conversely, at the same throughput as
the classic 8051, the new CPU core runs at a much lower speed and thereby greatly reduces
power consumption.
The AT89LP213/214 provides the following standard features: 2K bytes of In-System Program-
mable Flash memory, 128 bytes of RAM, up to 12 I/O lines, two 16-bit timer/counters, two PWM
outputs (AT89LP213 only), a programmable watchdog timer, a full duplex serial port
(AT89LP214 only), a serial peripheral interface, an internal RC oscillator, on-chip crystal oscilla-
tor, and a four-level, six-vector interrupt system.
The two timer/counters in the AT89LP213/214 are enhanced with two new modes. Mode 0 can
be configured as a variable 9- to 16-bit timer/counter and Mode 1 can be configured as a 16-bit
auto-reload timer/counter. In addition, the timer/counters on the AT89LP213 may independently
drive a pulse width modulation output.
The I/O ports of the AT89LP213/214 can be independently configured in one of four operating
modes. In quasi-bidirectional mode, the ports operate as in the classic 8051. In input mode, the
ports are tristated. Push-pull output mode provides full CMOS drivers and open-drain mode pro-
vides just a pull-down. In addition, all 8 pins of Port 1 can be configured to generate an interrupt
using the general-purpose interrupt interface. The I/O pins of the AT89LP213/214 tolerate volt-
ages higher than the device’s own power supply, up to 5.5V. When the device is supplied at
2.4V and all I/O ports receive 5.5V, the total back flowing current an all I/Os is less than 100 µA.
2.
Pin Configuration
2.1
AT89LP213: 14-lead TSSOP/PDIP
2.2
AT89LP214: 14-lead TSSOP/PDIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
(GPI5/MOSI) P1.5
(GPI7/SCK) P1.7
(GPI5/RST) P1.3
GND
(GPI2) P1.2
(T0) P3.4
(INT0/XTAL1) P3.2
P1.6 (MISO/GPI6)
P1.4 (SS/GPI4)
P1.1 (AIN1/GPI1)
P1.0 (AIN0/GPI0)
VCC
P3.5 (T1)
P3.3 (XTAL2/CLKOUT/INT1)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
(GPI5/MOSI) P1.5
(GPI7/SCK) P1.7
(GPI5/RST) P1.3
GND
(GPI2) P1.2
(RxD) P3.0
(INT0/XTAL1) P3.2
P1.6 (MISO/GPI6)
P1.4 (SS/GPI4)
P1.1 (AIN1/GPI1)
P1.0 (AIN0/GPI0)
VCC
P3.1 (TxD)
P3.3 (XTAL2/CLKOUT/INT1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com