Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 23Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 24Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 25Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 26Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 27Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 28Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 29Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 30Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
27
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
14. Enhanced Timer/Counters
The AT89LP213/214 has two 16-bit Timer/Counter registers: Timer 0 and Timer 1. As a Timer,
the register increase every clock cycle by default. Thus, the register counts clock cycles. Since a
clock cycle consists of one oscillator period, the count rate is equal to the oscillator frequency.
The timer rate can be prescaled by a value between 1 and 16 using the Timer Prescaler (see
Table 9-2 on page 13). Both Timers share the same prescaler.
As a Counter, the register is incremented in response to a l-to-0 transition at its corresponding
input pin, T0 or T1. The external input is sampled every clock cycle. When the samples show a
high in one cycle and a low in the next cycle, the count is incremented. The new count value
appears in the register during the cycle following the one in which the transition was detected.
Since 2 clock cycles are required to recognize a l-to-0 transition, the maximum count rate is 1/2
of the oscillator frequency. There are no restrictions on the duty cycle of the input signal, but it
should be held for at least one full clock cycle to ensure that a given level is sampled at least
once before it changes. In the AT89LP214, the T0 and T1 inputs are not available at the pins.
However, the inputs may be exercised in software by toggling the P3.4 and P3.5 bits in the
Port 3 register.
Furthermore, the Timer or Counter functions for Timer 0 and Timer 1 have four operating modes:
variable width timer, 16-bit auto-reload timer, 8-bit auto-reload timer, and split timer. The control
bits C/T in the Special Function Register TMOD select the Timer or Counter function. The bit
pairs (M1, M0) in TMOD select the operating modes.
14.1
Mode 0 – Variable Width Timer/Counter
Both Timers in Mode 0 are 8-bit Counters with a variable prescaler. The prescaler may vary from
1 to 8 bits depending on the PSC bits in TCONB, giving the timer a range of 9 to 16 bits.
By default the timer is configured as a 13-bit timer compatible to Mode 0 in the standard 8051.
Figure 14-1 shows the Mode 0 operation as it applies to Timer 1 in 13-bit mode. As the count
rolls over from all “1”s to all “0”s, it sets the Timer interrupt flag TF1. The counter input is enabled
to the Timer when TR1 = 1 and either GATE = 0 or INT1 = 1. Setting GATE = 1 allows the Timer
to be controlled by external input INT1, to facilitate pulse width measurements. TR1 is a control
bit in the Special Function Register TCON. GATE is in TMOD. The 13-bit register consists of all
8 bits of TH1 and the lower 5 bits of TL1. The upper 3 bits of TL1 are indeterminate and should
be ignored. Setting the run flag (TR1) does not clear the registers.
Note:
RH1/RL1 are not required by Timer 1 during Mode 0 and may be used as temporary storage
registers.
Mode 0:
Time-out Period
256
2
PSC01
+
×
Oscillator Frequency
-------------------------------------------------------
TPS 1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com