Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 36Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 37Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 38Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 39Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 40Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 41Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 42Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 43Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
40
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
17.2
Baud Rates
The baud rate in Mode 0 is fixed as shown in the following equation:
The baud rate in Mode 2 depends on the value of the SMOD1 bit in Special Function Register
PCON.7. If SMOD1 = 0 (the value on reset), the baud rate is 1/32 of the oscillator frequency. If
SMOD1 = 1, the baud rate is 1/16 of the oscillator frequency, as shown in the following equation:
17.2.1
Using Timer 1 to Generate Baud Rates
The Timer 1 overflow rate determines the baud rates in Modes 1 and 3. When Timer 1 is the
baud rate generator, the baud rates are determined by the Timer 1 overflow rate and the value
of SMOD1 according to the following equation:
The Timer 1 interrupt should be disabled in this application. The Timer itself can be configured
for either timer or counter operation in any of its 3 running modes. In the most typical applica-
tions, it is configured for timer operation in auto-reload mode (high nibble of TMOD = 0010B). In
this case, the baud rate is given by the following formula:
Programmers can achieve very low baud rates with Timer 1 by configuring the Timer to run as a
16-bit auto-reload timer (high nibble of TMOD = 0001B). In this case, the baud rate is given by
the following formula.
Table 17-2 lists commonly used baud rates and how they can be obtained from Timer 1.
Mode 0 Baud Rate
Oscillator Frequency
2
-------------------------------------------------------
=
Mode 2 Baud Rate
2
SMOD1
32
--------------------
(Oscillator Frequency)
×
=
Table 17-2.
Commonly Used Baud Rates Generated by Timer 1 (TPS = 0000B)
Baud Rate
f
OSC (MHz)
SMOD1
Timer 1
C/T
Mode
Reload Value
Mode 0: 1 MHz
2
X
X
X
X
Mode 2: 375K
12
0
X
X
X
62.5K
12
1
0
2
F4H
19.2K
11.059
1
0
2
DCH
9.6K
11.059
0
0
2
DCH
4.8K
11.059
0
0
2
B8H
2.4K
11.059
0
0
2
70H
1.2K
11.059
0
0
1
FEE0H
137.5
11.986
0
0
1
F55CH
110
6
0
0
1
F958H
110
12
0
0
1
F304H
Modes 1, 3
Baud Rate
2
SMOD1
32
--------------------
(Timer 1 Overflow Rate)
×
=
Modes 1, 3
Baud Rate
2
SMOD1
32
--------------------
Oscillator Frequency
256
TH1
()
–
[]
-------------------------------------------------------
1
TPS 1
+
--------------------
×
×
=
Modes 1, 3
Baud Rate
2
SMOD1
32
--------------------
Oscillator Frequency
256
RH1,RL1
()
–
[]
-------------------------------------------------------
×
1
TPS 1
+
--------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com