Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 29Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 30Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 31Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 32Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 33Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 34Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 35Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 36Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
33
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
14.5.1
Mode 0 – 8-bit PWM with 8-bit Logarithmic Prescaler
In Mode 0, TLx acts as a logarithmic prescaler driving 8-bit counter THx (see Figure 14-6). The
PSCx bits in TCONB control the prescaler value. On THx overflow, the duty cycle value in RHx
is transferred to OCRx and the output pin is set high. When the count in THx matches OCRx, the
output pin is cleared low. The following formulas give the output frequency and duty cycle for
Timer 0 in PWM Mode 0. Timer 1 in PWM Mode 0 is identical to Timer 0.
Figure 14-6. Timer/Counter 1 PWM Mode 0
14.5.2
Mode 1 – 8-bit PWM with 8-bit Linear Prescaler
In Mode 1, TLx provides linear prescaling with an 8-bit auto-reload from RLx (see Figure 14-7).
On TLx overflow, TLx is loaded with the value of RLx. THx acts as an 8-bit counter. On THx
overflow, the duty cycle value in RHx is transferred to OCRx and the output pin is set high. When
the count in THx matches OCRx, the output pin is cleared low. The following formulas give the
output frequency and duty cycle for Timer 0 in PWM Mode 1. Timer 1 in PWM Mode 1 is identi-
cal to Timer 0.
Mode 0:
fout
Oscillator Frequency
256
2
PSC01
+
×
-------------------------------------------------------
1
TPS 1
+
--------------------
×
=
Mode 0:
Duty Cycle %
100
RH0
256
------------
×
=
OSC
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
PSC1
TH1
(8 Bits)
OCR1
RH1
(8 Bits)
=
T1
÷TPS
Mode 1:
fout
Oscillator Frequency
256
256
RL0
–
()
×
-------------------------------------------------------
1
TPS 1
+
--------------------
×
=
Mode 1:
Duty Cycle %
100
RH0
256
------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com