Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 56Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 57Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 58Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 59Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 60Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 61Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 62Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 63Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 212 page
background image
60
4109J–8051–10/06
AT8xC51SND1C
11. Watchdog Timer
The AT8xC51SND1C implement a hardware Watchdog Timer (WDT) that automatically resets
the chip if it is allowed to time out. The WDT provides a means of recovering from routines that
do not complete successfully due to software or hardware malfunctions.
11.1
Description
The WDT consists of a 14-bit prescaler followed by a 7-bit programmable counter. As shown in
Figure 11-1, the 14-bit prescaler is fed by the WDT clock detailed in Section “Watchdog Clock
Controller”, page 60.
The Watchdog Timer Reset register (WDTRST, see Table 57) provides control access to the
WDT, while the Watchdog Timer Program register (WDTPRG, see Figure 11-4) provides time-
out period programming.
Three operations control the WDT:
•
Chip reset clears and disables the WDT.
•
Programming the time-out value to the WDTPRG register.
•
Writing a specific 2-Byte sequence to the WDTRST register clears and enables the WDT.
Figure 11-1.
WDT Block Diagram
11.2
Watchdog Clock Controller
As shown in Figure 11-2 the WDT clock (F
WDT) is derived from either the peripheral clock (FPER)
or the oscillator clock (F
OSC) depending on the WTX2 bit in CKCON register. These clocks are
issued from the Clock Controller block as detailed in Section "Clock Controller", page 12. When
WTX2 bit is set, the WDT clock frequency is fixed and equal to the oscillator clock frequency
divided by 2. When cleared, the WDT clock frequency is equal to the oscillator clock frequency
divided by 2 in standard mode or to the oscillator clock frequency in X2 mode.
Figure 11-2.
WDT Clock Controller and Symbol
WTO2:0
WDTPRG.2:0
WDT
CLOCK
÷ 6
System Reset
1Eh-E1h Decoder
WDTRST
14-bit Prescaler
RST
7-bit Counter
RST
To internal reset
EN
RST
MATCH
SET
OV
OSC
CLOCK
RST
Pulse Generator
PER
CLOCK
WDT
CLOCK
OSC
CLOCK
0
1
WTX2
CKCON.6
÷ 2
WDT Clock
WDT Clock Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com