Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83SND1CXXX-ROTIL Datasheet HTML 1Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 212 page
background image
5
4109J–8051–10/06
AT8xC51SND1C
Figure 4-3.
AT8xC51SND1C 84-pin PLCC Package
4.2
Signals
All the AT8xC51SND1C signals are detailed by functionality in Table 1 to Table 14.
Table 1. Ports Signal Description
AT89C51SND1C-SR (FLASH)
65
64
63
62
61
60
59
58
55
56
57
12
13
14
15
16
17
22
20
19
NC
P2.3/A11
P2.4/A12
P2.6/A14
P2.5/A13
P2.7/A15
MCLK
MDAT
MCMD
PAVSS
VSS
X2
NC
X1
18
21
23
24
25
69
68
67
66
70
VSS
VDD
RST
SCLK
DSEL
DCLK
DOUT
P1.0/KIN0
P1.1/KIN1
P1.2/KIN2
P1.3/KIN3
P1.4
P1.5
P1.7/SDA
FILT
PAVDD
VDD
P1.6/SCL
26
TST
P2.2/A10
54
ALE
ISP
28
27
29
30
31
32
UVDD
UVSS
74
73
72
71
P4.4
P4.5
VDD
VSS
Signal
Name
Type
Description
Alternate
Function
P0.7:0
I/O
Port 0
P0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. To
avoid any parasitic current consumption, floating P0 inputs must be
polarized to V
DD or VSS.
AD7:0
P1.7:0
I/O
Port 1
P1 is an 8-bit bidirectional I/O port with internal pull-ups.
KIN3:0
SCL
SDA
P2.7:0
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
A15:8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com