Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 212 page
background image
1
4109J–8051–10/06
AT8xC51SND1C
6.
Program/Code Memory
The AT8xC51SND1C execute up to 64K Bytes of program/code memory. Figure 6-1 shows the
split of internal and external program/code memory spaces depending on the product.
The AT83SND1C product provides the internal program/code memory in ROM memory while
the AT89C51SND1C product provides it in Flash memory. These 2 products do not allow exter-
nal code memory execution. External code memory execution is achieved using the
AT80C51SND1C product which does not provide any internal program/code memory.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical erasure and
programming. The high voltage needed for programming or erasing Flash cells is generated on-
chip using the standard V
DD voltage, made possible by the internal charge pump. Thus, the
AT89C51SND1C can be programmed using only one voltage and allows In-application software
programming. Hardware programming mode is also available using common programming
tools. See the application note ‘Programming T89C51x and AT89C51x with Device
Programmers’.
The AT89C51SND1C implements an additional 4K Bytes of on-chip boot Flash memory pro-
vided in Flash memory. This boot memory is delivered programmed with a standard boot loader
software allowing In-System Programming (ISP). It also contains some Application Program-
ming Interface routines named API routines allowing In Application Programming (IAP) by using
user’s own boot loader.
Figure 6-1.
Program/Code Memory Organization
6.1
ROMLESS Memory Architecture
As shown in Figure 6-2 the AT80C51SND1C external memory is composed of one space
detailed in the following paragraph.
4K Bytes
Boot Flash
FFFFh
F000h
0000h
64K Bytes
Code Flash
FFFFh
AT89C51SND1C
0000h
64K Bytes
Code ROM
FFFFh
AT83SND1C
F000h
0000h
64K Bytes
External Code
FFFFh
AT80C51SND1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com