Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 212 page
background image
2
4109J–8051–10/06
AT8xC51SND1C
Figure 6-2.
AT80C51SND1C Memory Architecture
6.1.1
User Space
This space is composed of a 64K Bytes code (Flash, EEPROM, EPROM…) memory. It contains
the user’s application code.
6.1.2
Memory Interface
The external memory interface comprises the external bus (port 0 and port 2) as well as the bus
control signals (PSEN, and ALE).
Figure 6-3 shows the structure of the external address bus. P0 carries address A7:0 while P2
carries address A15:8. Data D7:0 is multiplexed with A7:0 on P0. Table 6-3 describes the exter-
nal memory interface signals.
Figure 6-3.
External Code Memory Interface Structure
FFFFh
64K Bytes
External Memory
0000h
User
Table 20. External Code Memory Interface Signals
Signal
Name
Type
Description
Alternate
Function
A15:8
O
Address Lines
Upper address lines for the external bus.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address lines and data for the external memory.
P0.7:0
ALE
O
Address Latch Enable
ALE signals indicates that valid address information are available on lines
AD7:0.
-
PSEN
O
Program Store Enable Output (AT80C51SND1C Only)
This signal is active low during external code fetch or external code read
(MOVC instruction).
-
Flash
EPROM
AT80C51SND1C
P2
P0
AD7:0
A15:8
A7:0
A15:8
D7:0
A7:0
ALE
Latch
OE
PSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com