Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 77Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 78Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 79Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 80Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 81Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 212 page
background image
78
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 1000b
Table 75. AUDCON1 Register
AUDCON1 (S:9Bh) – Audio Interface Control Register 1
Reset Value = 1011 0010b
Table 76. AUDSTA Register
AUDSTA (S:9Ch Read Only) – Audio Interface Status Register
Bit
Number
Bit
Mnemonic
Description
7 - 3
JUST4:0
Audio Stream Justification Bits
Refer to Section "Data Converter", page 74 for bits description.
2POL
DSEL Signal Output Polarity
Set to output the left channel on high level of DSEL output (PCM mode).
Clear to output the left channel on the low level of DSEL output (I
2S mode).
1DSIZ
Audio Data Size
Set to select 32-bit data output format.
Clear to select 16-bit data output format.
0HLR
High/Low Rate Bit
Set by software when the PLL clock frequency is 384·Fs.
Clear by software when the PLL clock frequency is 256·Fs.
7654
3210
SRC
DRQEN
MSREQ
MUDRN
-
DUP1
DUP0
AUDEN
Bit
Number
Bit
Mnemonic
Description
7SRC
Audio Source Bit
Set to select C51 as audio source for voice or sound playing.
Clear to select the MP3 decoder output as audio source for song playing.
6DRQEN
MP3 Decoded Data Request Enable Bit
Set to enable data request to the MP3 decoder and to start playing song.
Clear to disable data request to the MP3 decoder.
5MSREQ
Audio Sample Request Flag Mask Bit
Set to prevent the SREQ flag from generating an audio interrupt.
Clear to allow the SREQ flag to generate an audio interrupt.
4
MUDRN
Audio Sample Under-run Flag Mask Bit
Set to prevent the UDRN flag from generating an audio interrupt.
Clear to allow the UDRN flag to generate an audio interrupt.
3-
Reserved
The value read from this bit is always 0. Do not set this bit.
2 - 1
DUP1:0
Audio Duplication Factor
Refer to Table 73 for bits description.
0AUDEN
Audio Interface Enable Bit
Set to enable the audio interface.
Clear to disable the audio interface.
7654
3210
SREQ
UDRN
AUBUSY
-----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com