Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 212 page
background image
101
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 1000 0000b
Table 86. UEPSTAX Register
UEPSTAX (S:CEh) – USB Endpoint X Status and Control Register (X = EPNUM set in UEPNUM
)
Bit
Number
Bit
Mnemonic
Description
7EPEN
Endpoint Enable Bit
Set to enable the endpoint according to the device configuration. Endpoint 0
should always be enabled after a hardware or USB bus reset and participate in
the device configuration.
Clear to disable the endpoint according to the device configuration.
6NAKIEN
NAK Interrupt enable
Set this bit to enable NAK IN or NAK OUT interrupt.
Clear this bit to disable NAK IN or NAK OUT Interrupt.
5NAKOUT
NAK OUT received
This bit is set by hardware when an NAK handshake has been sent in response
of a OUT request from the Host. This triggers a USB interrupt when NAKIEN is
set.
This bit should be cleared by software.
4NAKIN
NAK IN received
This bit is set by hardware when an NAK handshake has been sent in response
of a IN request from the Host. This triggers a USB interrupt when NAKIEN is set.
This bit should be cleared by software.
3DTGL
Data Toggle Status Bit (Read-only)
Set by hardware when a DATA1 packet is received.
Cleared by hardware when a DATA0 packet is received.
2EPDIR
Endpoint Direction Bit
Set to configure IN direction for Bulk, Interrupt and Isochronous endpoints.
Clear to configure OUT direction for Bulk, Interrupt and Isochronous endpoints.
This bit has no effect for Control endpoints.
1-0
EPTYPE1:
0
Endpoint Type Bits
Set this field according to the endpoint configuration (Endpoint 0 should always
be configured as Control):
00
Control endpoint
01
Isochronous endpoint
10
Bulk endpoint
11
Interrupt endpoint
7654
3210
DIR
RXOUTB1
STALLRQ
TXRDY
STLCRC
RXSETUP
RXOUTB0
TXCMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com