Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 212 page
background image
114
4109J–8051–10/06
AT8xC51SND1C
Figure 15-9. MMC Controller Block Diagram
15.4
Clock Generator
The MMC clock is generated by division of the oscillator clock (F
OSC) issued from the Clock Con-
troller block as detailed in Section "Oscillator", page 12. The division factor is given by MMCD7:0
bits in MMCLK register, a value of 0x00 stops the MMC clock. Figure 15-10 shows the MMC
clock generator and its output clock calculation formula.
Figure 15-10. MMC Clock Generator and Symbol
As soon as MMCEN bit in MMCON2 is set, the MMC controller receives its system clock. The
MMC command and data clock is generated on MCLK output and sent to the command line and
data line controllers. Figure 15-11 shows the MMC controller configuration flow.
As exposed in Section “Clock Control”, page 113, MMCD7:0 bits can be used to dynamically
increase or reduce the MMC clock.
Figure 15-11. Configuration Flow
15.5
Command Line Controller
As shown in Figure 15-12, the command line controller is divided in 2 channels: the command
transmitter channel that handles the command transmission to the card through the MCMD line
and the command receiver channel that handles the response reception from the card through
the MCMD line. These channels are detailed in the following sections.
OSC
CLOCK
MCMD
MCLK
8
Internal
Bus
MDAT
Command Line
Clock
MMC
Interrupt
Request
Generator
Controller
Data Line
Controller
Interrupt
Controller
MMCD7:0
MMCLK
MMC Clock
MMCclk
OSCclk
MMCD
1
+
-----------------------------
=
OSC
CLOCK
MMCEN
MMCON2.7
Controller Clock
MMC
CLOCK
MMC Clock Symbol
MMC Controller
Configuration
Configure MMC Clock
MMCLK = XXh
MMCEN = 1
FLOWC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com