Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTIL Datasheet(PDF) 179 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTIL Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTIL Datasheet HTML 175Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 179Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 180Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 181Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 182Page - ATMEL Corporation AT83SND1CXXX-ROTIL Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 212 page
background image
179
4109J–8051–10/06
AT8xC51SND1C
KBCON (S:A3h) – Keyboard Control Register
Reset Value = 0000 1111b
21.2.0.1
Table 142. KBSTA Register
KBSTA (S:A4h) – Keyboard Control and Status Register
Reset Value = 0000 0000b
7654
3210
KINL3
KINL2
KINL1
KINL0
KINM3
KINM2
KINM1
KINM0
Bit
Number
Bit
Mnemonic
Description
7 - 4
KINL3:0
Keyboard Input Level Bit
Set to enable a high level detection on the respective KIN3:0 input.
Clear to enable a low level detection on the respective KIN3:0 input.
3 - 0
KINM3:0
Keyboard Input Mask Bit
Set to prevent the respective KINF3:0 flag from generating a keyboard interrupt.
Clear to allow the respective KINF3:0 flag to generate a keyboard interrupt.
7654
3210
KPDE
-
-
-
KINF3
KINF2
KINF1
KINF0
Bit
Number
Bit
Mnemonic
Description
7KPDE
Keyboard Power Down Enable Bit
Set to enable exit of power down mode by the keyboard interrupt.
Clear to disable exit of power down mode by the keyboard interrupt.
6 - 4
-
Reserved
The value read from these bits is always 0. Do not set these bits.
3 - 0
KINF3:0
Keyboard Input Interrupt Flag
Set by hardware when the respective KIN3:0 input detects a programmed level.
Cleared when reading KBSTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com